Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8341 Datasheet(PDF) 12 Page - California Eastern Labs

Part # NX8341
Description  1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8341 Datasheet(HTML) 12 Page - California Eastern Labs

Back Button NX8341_06 Datasheet HTML 5Page - California Eastern Labs NX8341_06 Datasheet HTML 6Page - California Eastern Labs NX8341_06 Datasheet HTML 7Page - California Eastern Labs NX8341_06 Datasheet HTML 8Page - California Eastern Labs NX8341_06 Datasheet HTML 9Page - California Eastern Labs NX8341_06 Datasheet HTML 10Page - California Eastern Labs NX8341_06 Datasheet HTML 11Page - California Eastern Labs NX8341_06 Datasheet HTML 12Page - California Eastern Labs NX8341_06 Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
NX8341 Series
ELECTRO-OPTICAL CHARACTERISTICS (TC =
−5 to +85°C, BOL, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Mean Optical Output Power
Pf
−2
dBm
Peak Emission Wavelength
λp
CW, Pf =
−2 dBm
1 290
1 330
nm
Side Mode Suppression Ratio
SMSR
CW, Pf =
−2 dBm
30
dB
Threshold Current
Ith
CW, TC = 25
°C
8
20
mA
CW
2
40
Differential Efficiency
ηd
CW, Pf =
−2 dBm, TC = 25°C
0.02
0.025
0.04
W/A
CW, Pf =
−2 dBm
0.005
0.05
Operation Voltage
Vop
CW, Pf =
−2 dBm
2
V
Monitor Current
Im
Pf =
−2 dBm, VR = 1.5 V
*1
90
700
µA
Monitor Dark Current
ID
VR = 1.5 V, TC = 25
°C
5
nA
VR = 1.5 V
50
Rise Time
tr
20-80%
*1
30
50
ps
Fall Time
tf
20-80%
*1
40
50
ps
Extinction Ratio
Ex
10 GbE, 10 G FC
*1
4
5
dB
Tracking Error
*2
γ
−1.0
1.0
dB
Input Impedance
Zin
25
Ω
Connector Repeatability
CR
With master pigtail
−1.0
1.0
dB
<R>
*1 9.95/10.3/10.5 Gb/s, PRBS 2
31
−1, NRZ, Duty Cycle = 50%
*2 Tracking Error:
γ
0
Im
Im
TC = 25˚C
TC = –5 to +85˚C
Pf
(mW)
Pf
Pf @ 25˚C
(mA)
γ = 10 log
[dB]
Pf
Pf @ 25˚C
Data Sheet PL10525EJ02V0DS
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com