Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8341 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX8341
Description  1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8341 Datasheet(HTML) 1 Page - California Eastern Labs

  NX8341_06 Datasheet HTML 1Page - California Eastern Labs NX8341_06 Datasheet HTML 2Page - California Eastern Labs NX8341_06 Datasheet HTML 3Page - California Eastern Labs NX8341_06 Datasheet HTML 4Page - California Eastern Labs NX8341_06 Datasheet HTML 5Page - California Eastern Labs NX8341_06 Datasheet HTML 6Page - California Eastern Labs NX8341_06 Datasheet HTML 7Page - California Eastern Labs NX8341_06 Datasheet HTML 8Page - California Eastern Labs NX8341_06 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LASER DIODE
NX8341 Series
1 310 nm AlGaInAs MQW-DFB LASER DIODE
FOR 10 Gb/s APPLICATION
DESCRIPTION
The NX8341 Series is a 1 310 nm Multiple Quantum Well (MQW)
structured Distributed Feed-Back (DFB) laser diode TOSA (transmitter optical
subassembly) with InGaAs monitor PIN-PD in a receptacle type package
designed for XENPAK/XPAK/X2/XFP transceiver.
APPLICATIONS
• 10 G BASE-LW/LR
• 10 G Fiber Channel
FEATURES
• Internal optical isolator
• Optical output power
Pf =
−2 dBm
• Low threshold current
lth = 8 mA TYP. @ TC = 25
°C
• Wide operating temperature range
TC =
−5 to +85°C
• InGaAs monitor PIN-PD
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Document No. PL10525EJ02V0DS (2nd edition)
Date Published September 2006 NS CP(K)


Similar Part No. - NX8341_06

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8341TB-AZ CEL-NX8341TB-AZ Datasheet
372Kb / 15P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8341TJ-AZ CEL-NX8341TJ-AZ Datasheet
372Kb / 15P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8341TL-AZ CEL-NX8341TL-AZ Datasheet
372Kb / 15P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8341TP-AZ CEL-NX8341TP-AZ Datasheet
372Kb / 15P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8341UB-AZ CEL-NX8341UB-AZ Datasheet
372Kb / 15P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results

Similar Description - NX8341_06

ManufacturerPart #DatasheetDescription
logo
NEC
NX8346TB NEC-NX8346TB Datasheet
102Kb / 9P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8346TS NEC-NX8346TS Datasheet
89Kb / 8P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8346TS RENESAS-NX8346TS Datasheet
172Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8369TB RENESAS-NX8369TB Datasheet
213Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8369TB CEL-NX8369TB Datasheet
214Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8346TS CEL-NX8346TS Datasheet
195Kb / 8P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8346TB CEL-NX8346TB Datasheet
205Kb / 9P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8341 CEL-NX8341 Datasheet
372Kb / 15P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8349YK RENESAS-NX8349YK_15 Datasheet
253Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TB RENESAS-NX8349TB_15 Datasheet
204Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com