Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC08AB16AD Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC68HC08AB16AD
Description  Microcontrollers
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08AB16AD Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC68HC08AB16AD Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 380 page
background image
MC68HC08AB16A — Rev. 2.1
Technical Data
Freescale Semiconductor
39
Details of the clock connections to each of the modules on the
MC68HC08AB16A are shown in Table 1-2. A short description of each
clock source is also given in Table 1-3.
PTF4/TBCH0
General purpose I/O
/ Timer B channel 0
Dual State
Yes
Input (Hi-Z)
PTF3/TBCH3
General purpose I/O
/ Timer B channel 3
Dual State
Yes
Input (Hi-Z)
PTF2/TBCH2
General purpose I/O
/ Timer B channel 2
Dual State
Yes
Input (Hi-Z)
PTF1/TACH3
General purpose I/O
/ Timer A channel 3
Dual State
Yes
Input (Hi-Z)
PTF0/TACH2
General purpose I/O
/ Timer A channel 2
Dual State
Yes
Input (Hi-Z)
PTG2/KBD2–PTG0/KBD0
General purpose I/O with
key wakeup feature
Dual State
Yes
Input (Hi-Z)
PTH1/KBD4–PTH0/KBD3
General purpose I/O with
key wakeup feature
Dual State
Yes
Input (Hi-Z)
VDD
Logical chip power supply
NA
NA
NA
VSS
Logical chip ground
NA
NA
NA
VDDA
Analog power supply (CGM)
NA
NA
NA
VSSA
Analog ground (CGM)
NA
NA
NA
VREFH
ADC reference voltage
NA
NA
NA
AVSS/VREFL
ADC ground and reference
voltage
NA
NA
NA
VDDAREF
ADC power supply
NA
NA
NA
OSC1
External clock in
NA
NA
Input (Hi-Z)
OSC2
External clock out
NA
NA
Output
CGMXFC
PLL loop filter cap
NA
NA
NA
IRQ
External interrupt request
NA
NA
Input (pullup)
RST
Reset
NA
NA
Input (pullup)
Table 1-1. I/O Pins Summary
Pin Name
Function
Driver Type
Hysteresis
Reset State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com