Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC08AB16AD Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MC68HC08AB16AD
Description  Microcontrollers
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08AB16AD Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MC68HC08AB16AD Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 380 page
background image
MC68HC08AB16A — Rev. 2.1
Technical Data
Freescale Semiconductor
81
Technical Data — MC68HC08AB16A
Section 7. Central Processor Unit (CPU)
7.1 Contents
7.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
7.3
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
7.4
CPU Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
7.4.1
Accumulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
7.4.2
Index Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
7.4.3
Stack Pointer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
7.4.4
Program Counter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
7.4.5
Condition Code Register . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
7.5
Arithmetic/Logic Unit (ALU) . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
7.6
Low-Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
7.6.1
Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
7.6.2
Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
7.7
CPU During Break Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . 89
7.8
Instruction Set Summary
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
7.9
Opcode Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
7.2 Introduction
The M68HC08 CPU (central processor unit) is an enhanced and fully
object-code-compatible version of the M68HC05 CPU. The CPU08
Reference Manual (Freescale document order number CPU08RM/AD)
contains a description of the CPU instruction set, addressing modes,
and architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com