Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC08AB16AD Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MC68HC08AB16AD
Description  Microcontrollers
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08AB16AD Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MC68HC08AB16AD Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 380 page
background image
MC68HC08AB16A — Rev. 2.1
Technical Data
Freescale Semiconductor
73
These two read/write registers are respectively loaded with the contents
of the EEPROM timebase divider mask option registers (EEDIVHMOR
and EEDIVLMOR) after a reset.
EEDIVSECD — EEPROM Divider Security Disable
This bit enables/disables the security feature of the EEDIV registers.
When EEDIV security feature is enabled, the state of the registers
EEDIVH and EEDIVL are locked (including this EEDIVSECD bit).
1 = EEDIV security feature disabled
0 = EEDIV security feature enabled
EEDIV[10:0] — EEPROM Timebase Prescaler
These prescaler bits store the value of EEDIV which is used as the
divisor to derive a timebase of 35
µs from the selected reference clock
source (CGMXCLK or bus clock, see 6.5 Mask Option Register B)
for the EEPROM related internal timer and circuits. EEDIV[10:0] bits
are readable at any time. They are writable when EELAT=0 and
EEDIVSECD=1.
The EEDIV value is calculated by the following formula:
EEDIV = INT
[Reference frequency (Hz) × 35 × 10–6 + 0.5]
Address:
$FE1A
Bit 7
654321
Bit 0
Read:
EEDIVSECD
RRRR
EEDIV10
EEDIV9
EEDIV8
Write:
Reset:
Contents of EEDIVHMOR ($FE10)
Figure 5-5. EEPROM Divider Register High (EEDIVH)
Address:
$FE1B
Bit 7
654321
Bit 0
Read:
EEDIV7
EEDIV6
EEDIV5
EEDIV4
EEDIV3
EEDIV2
EEDIV1
EEDIV0
Write:
Reset:
Contents of EEDIVLMOR ($FE11)
Figure 5-6. EEPROM Divider Register Low (EEDIVL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com