Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF947 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PRF947
Description  UHF wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRF947 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PRF947 Datasheet HTML 4Page - NXP Semiconductors PRF947 Datasheet HTML 5Page - NXP Semiconductors PRF947 Datasheet HTML 6Page - NXP Semiconductors PRF947 Datasheet HTML 7Page - NXP Semiconductors PRF947 Datasheet HTML 8Page - NXP Semiconductors PRF947 Datasheet HTML 9Page - NXP Semiconductors PRF947 Datasheet HTML 10Page - NXP Semiconductors PRF947 Datasheet HTML 11Page - NXP Semiconductors PRF947 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Jul 23
8
Philips Semiconductors
Product specification
UHF wideband transistor
PRF947
handbook, full pagewidth
MGS507
0
0.2
0.6
0.4
0.8
1.0
1.0
+5
+2
+1
+0.5
−0.5
−1
−2
−5
0.2
1
2
5
180
°
−135
°
−90
°
−45
°
0
°
45
°
90
°
135
°
(2)
(3)
(4)
(5)
(6)
(7)
unstable
region load
unstable region
source
(1)
Γopt
0
+0.2
0.5
−0.2
handbook, full pagewidth
MGS506
0
0.2
0.6
0.4
0.8
1.0
1.0
+5
+2
+1
−0.2
−0.5
−1
−2
−5
0.5
1
2
5
180
°
−135
°
−90
°
−45
°
0
°
45
°
90
°
unstable
region load
unstable region
source
(2)
(3)
(4)
(5)
Γopt
(6)
(1)
0
+0.2
+0.5
135
°
f = 1 GHz; VCE = 6 V; IC = 5 mA;
Zo =50 Ω.
(1) G = 17 dB
(2) G = 16 dB
(3) G = 15 dB
(4) NF = 1.6 dB
(5) NF = 1.8 dB
(6) NF = 2 dB.
Fig.12 Common emitter available gain, noise and stability circles; typical values.
Fig.13 Common emitter available gain, noise and stability circles; typical values.
f = 2 GHz; VCE = 6 V; IC = 5 mA;
Zo =50 Ω.
(1) Gmax = 10.9 dB
(2) G = 10 dB
(3) G=9dB
(4) G=8dB
(5) NF = 2.1 dB
(6) NF = 2.3 dB
(7) NF = 2.5 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com