Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF947 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PRF947
Description  UHF wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRF947 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PRF947 Datasheet HTML 5Page - NXP Semiconductors PRF947 Datasheet HTML 6Page - NXP Semiconductors PRF947 Datasheet HTML 7Page - NXP Semiconductors PRF947 Datasheet HTML 8Page - NXP Semiconductors PRF947 Datasheet HTML 9Page - NXP Semiconductors PRF947 Datasheet HTML 10Page - NXP Semiconductors PRF947 Datasheet HTML 11Page - NXP Semiconductors PRF947 Datasheet HTML 12Page - NXP Semiconductors PRF947 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Jul 23
9
Philips Semiconductors
Product specification
UHF wideband transistor
PRF947
APPLICATION INFORMATION
SPICE parameters for the PRF947 die.
Notes
1. These parameters have not been extracted, the
default values are shown.
2. Cbpb, Cbpe: base-bondpad and emitter-bondpad
capacitance to collector.
List of components (see Fig.14)
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
0.466
fA
2
BF
150.4
−
3
NF
1.000
−
4
VAF
53.06
V
5
IKF
180.0
mA
6
ISE
57.30
fA
7
NE
2.000
−
8
BR
27.68
−
9
NR
1.000
−
10
VAR
1.976
V
11
IKR
9.943
mA
12
ISC
1.420
aA
13
NC
1.000
−
14
RB
12.14
Ω
15
IRB
0.000
µA
16
RBM
4.957
Ω
17
RE
0.597
Ω
18
RC
1.988
Ω
19(1)
XTB
0.000
−
20(1)
EG
1.110
eV
21(1)
XTI
3.000
−
22
CJE
0.568
pF
23
VJE
600.0
mV
24
MJE
0.412
−
25
TF
2.037
ps
26
XTF
30.90
−
27
VTF
3.148
V
28
ITF
131.8
mA
29
PTF
0.000
deg
30
CJC
205.8
fF
31
VJC
296.2
mV
32
MJC
0.118
−
33
XCJC
0.104
−
34
TR
0.000
ps
35(1)
CJS
0.000
F
36(1)
VJS
700.0
mV
37(1)
MJS
0.000
−
38
FC
0.943
−
39(2)
Cbpb
83.00
fF
40(2)
Cbpe
84.00
fF
41
AF
1.000
−
42
KF
4 x 10−16
−
DESIGNATION
VALUE
UNIT
Cbe
2fF
Ccb
100
fF
Cce
100
fF
L1
0.34
nH
L2
0.10
nH
L3
0.34
nH
LB
0.60
nH
LE
0.60
nH
SEQUENCE No.
PARAMETER
VALUE
UNIT
QLB = 50; QLE = 50;
QLB(f) = QLB√(f/fc);
QLE(f) = QLE√(f/fc);
fc = corner frequency = 1 GHz.
Fig.14 Package equivalent circuit SOT323.
handbook, halfpage
MBC964
B
E
C
B'
C'
E'
L B
L E
L3
L1
L2
C cb
Cbe
ce
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com