Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF947 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PRF947
Description  UHF wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRF947 Datasheet(HTML) 2 Page - NXP Semiconductors

  PRF947 Datasheet HTML 1Page - NXP Semiconductors PRF947 Datasheet HTML 2Page - NXP Semiconductors PRF947 Datasheet HTML 3Page - NXP Semiconductors PRF947 Datasheet HTML 4Page - NXP Semiconductors PRF947 Datasheet HTML 5Page - NXP Semiconductors PRF947 Datasheet HTML 6Page - NXP Semiconductors PRF947 Datasheet HTML 7Page - NXP Semiconductors PRF947 Datasheet HTML 8Page - NXP Semiconductors PRF947 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Jul 23
2
Philips Semiconductors
Product specification
UHF wideband transistor
PRF947
FEATURES
• Small size
• Low noise
• Low distortion
• High gain
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Communication and instrumentation systems.
DESCRIPTION
Silicon NPN transistor in a surface mount 3-pin SOT323
package. The transistor is primarily intended for wideband
applications in the GHz-range in the RF front end of analog
and digital cellular telephones, cordless phones, radar
detectors, pagers and satellite TV-tuners.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SOT323) and symbol.
Marking code: V0.
handbook, halfpage
2
3
1
MAM062
3
2
1
Top view
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Cre
feedback capacitance
IC = 0; VCB =6V; f=1MHz
−
0.3
−
pF
fT
transition frequency
IC = 15 mA; VCE =6V; fm = 1 GHz
−
8.5
−
GHz
GUM
maximum unilateral power gain
IC = 15 mA; VCE =6V;
Tamb =25 °C; f = 1 GHz
−
16
−
dB
NF
noise figure
Γ
S = Γopt; IC = 5 mA; VCE =6V;
f = 1 GHz
−
1.5
−
dB
Ptot
total power dissipation
Ts =60 °C; note 1
−−
250
mW
Rth j-s
thermal resistance from junction
to soldering point
Ptot = 250 mW
−−
460
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com