Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF947 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PRF947
Description  UHF wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRF947 Datasheet(HTML) 4 Page - NXP Semiconductors

  PRF947 Datasheet HTML 1Page - NXP Semiconductors PRF947 Datasheet HTML 2Page - NXP Semiconductors PRF947 Datasheet HTML 3Page - NXP Semiconductors PRF947 Datasheet HTML 4Page - NXP Semiconductors PRF947 Datasheet HTML 5Page - NXP Semiconductors PRF947 Datasheet HTML 6Page - NXP Semiconductors PRF947 Datasheet HTML 7Page - NXP Semiconductors PRF947 Datasheet HTML 8Page - NXP Semiconductors PRF947 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Jul 23
4
Philips Semiconductors
Product specification
UHF wideband transistor
PRF947
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. GUM is the maximum unilateral power gain, assuming s12 is zero.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC characteristics
V(BR)CBO
collector-base breakdown voltage
IC = 100 µA; IE =0
20
−−
V
V(BR)CEO
collector-emitter breakdown
voltage
IC = 100 µA; IB =0
10
−−
V
V(BR)EBO
emitter-base breakdown voltage
IE =10 µA; IC = 0
1.5
−−
V
ICBO
collector-base leakage current
VCB = 10 V; IE =0
−−
100
nA
IEBO
emitter-base leakage current
VEB =1V; IC =0
−−
100
nA
hFE
DC current gain
IC = 5 mA; VCE = 6 V
50
100
200
IC = 15 mA; VCE =6V
−
100
−
AC characteristics
Cre
feedback capacitance
IC = 0; VCB = 6 V; f = 1 MHz
−
0.3
−
pF
fT
transition frequency
IC = 15 mA; VCE =6V; fm = 1 GHz
−
8.5
−
GHz
|s
21|
2
insertion gain
IC = 15 mA; VCE =6V; f=1GHz
−
14.5
−
dB
GUM
maximum unilateral power gain;
note 1
IC = 15 mA; VCE =6V;
Tamb =25 °C; f = 1 GHz
−
16
−
dB
IC = 15 mA; VCE =6V;
Tamb =25 °C; f = 2 GHz
−
10
−
dB
NF
noise figure
Γ
S = Γopt; IC = 5 mA; VCE =6V;
f = 1 GHz
−
1.5
−
dB
Γ
S = Γopt; IC = 5 mA; VCE =6V;
f = 2 GHz
−
2.1
−
dB
G
UM
10
s
21
2
1s
11
2
–
() 1s
22
2
–
()
-------------------------------------------------------- dB
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com