Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33199 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33199
Description  Automotive ISO 9141 Serial Link Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33199 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33199 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33199
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33199 Pin Connections
Table 1. Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section, beginning on page 12.
Pin Number
Pin Name
Definition
1
VCC
5V typical power supply pin. typical supply current is less than 1.5mA
2
REF-IN-L
Input reference for C2 comparator.
3
REF-IN-K
Input reference for C1 comparator.
4
LO
This pin control Sleep Mode, Transmit Level, and Speed. It has a weak pulldown.
5
RXD
Open drain output of the data on BUS. A recessive bus = a logic [1], a dominant bus = logic [0]. An
external pullup is required.
6
TXD
Data input here will appear on the BUS pin. A logic [0] will assert the bus, a logic [1] will make the bus
go to the recessive state.
7, 8
NC
No internal connection to these pins.
9
DIA
Provides a battery-level logic signal.
10
GND
Electrical Common Ground and Heat removal. A good thermal path will also reduce the die
temperature.
11
I1
Power input. An external diode is needed for reverse battery protection.
12
L
The external bus load resistor connects here to prevent bus pullup in the event of loss of module
ground.
13
VS
This pin connects to the bus through external components.
14
REF-OUT
Internal reference voltage generator output pin.
33199
VCC
REF-IN-L
REF-IN-K
LO
RXD
TXD
NC
REF-OUT
VS
L
I1
GND
DIA
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com