Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33199 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33199
Description  Automotive ISO 9141 Serial Link Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33199 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33199 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33199
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
L INPUT PIN 12
High Level Input Threshold Voltage
(REF-IN-L connected to REF-OUT)
VIH
VREF MIN
0.25V
VREF
0.325V
VREF MAX
0.4V
V
Low Level Input Threshold Voltage
(REF-IN-L connected to REF-OUT)
VIL
VREF MIN
-0.2V
VREF
-0.125V
VREF MAX
-0.05V
V
Input Hysteresis
VHYST
300
450
600
mV
Leakage Current
ILEAK
4.0
10
16
µΑ
L1 INPUT PIN 11
Static Source Current
I1S
-4.0
-3.0
-2.0
mA
Static Saturation Voltage @ I1S=-2mA
VI1SAT
VS - 1.2
VS - 0.8
VS
V
Dynamic Source Current
I1D
-120
-80
-40
mA
Dynamic Saturation Voltage @ I1S=-40mA
VI1DSAT
VS - 2.7
VS - 0.85
VS
V
VS PIN 13
VS Supply Voltage Range
VS
4.5
20
V
VS Supply Current
IS
0.5
1.3
2.0
mA
REF-OUT PIN 14
Output Voltage :
@ 3 < VS < 5.6V & IRO = +-10µΑ
@ 5.6 < VS < 18V & IRO = +-10µΑ
@ 18 < VS < 40V & IRO = +-10µΑ
VREF
2.7
0.5 x VS
8.5
3.3
0.56 x VS
10.8
V
Maximum output current
IOUT
-50
50
µΑ
Pull-up resistor to VCC
RPU
3.0
8.0
12
k
Ω
6.
Measured with TXD=VCC, I1=VS, DIA & L high, no load, REF-IN-L and REF-IN-K connected to REF-OUT
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VCC from 4.5V to 5.5V, VS from 4.5V to 20V unless otherwise note. Typical values
reflect approximate mean at 25°C, nominal VCC and VS, at time of device characterization. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com