Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33199 Datasheet (PDF) - Freescale Semiconductor, Inc

33199 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33199
Download  33199 Download
File Size   324.9 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Automotive ISO 9141 Serial Link Driver

33199 Datasheet (PDF)

Go To PDF Page Download Datasheet
33199 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33199
Download  33199 Click to download

File Size   324.9 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Automotive ISO 9141 Serial Link Driver

33199 Datasheet (HTML) - Freescale Semiconductor, Inc


33199 Product details

The MC33199 is a serial interface circuit used in diagnostic applications. It is the interface between the microcontroller and the special K and L lines of the ISO diagnostic port. The MC33199 has been designed to meet the «Diagnosis System ISO9141» specification.

Features
• Electrically Compatible with Specification “Diagnosis System ISO9141”
• Transmission speed up to 200kBaud
• Internal Voltage Reference Generator for Line Comparator Thresholds
• TXD, RXD and LO pins are 5V CMOS Compatible
• High Current Capability of DIA pin (K line)
• Short Circuit Protection for the K Line Input
• Over Temperature Shutdown with Hysteresis
• Large Operating Range of Driver Supply Voltage
• Large Operating Temperature Range
• ESD Protected pins
• Pb-Free Packaging Designated by Suffix Code EF




Similar Part No. - 33199

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
109Kb / 2P
9 mm Round Trimming Potentiometer
3319 BOURNS-3319 Datasheet
188Kb / 1P
9 mm Round Trimpot Trimming Potentiometer
logo
Heyco.
3319 HEYCO-3319 Datasheet
75Kb / 1P
Lockit™ Cable Holders - Arrowhead Mount
logo
Adafruit Industries
3319 ADAFRUIT-3319 Datasheet
203Kb / 1P
Panel Mount Stereo Audio Extension Cable - 1/8" / 3.5mm
logo
Freescale Semiconductor...
33198 FREESCALE-33198 Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
More results


Similar Description - 33199

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
ISO 9141 INTERFACE
Sep-2002
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
Freescale Semiconductor...
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
ISO K Line Serial Link Interface
logo
STMicroelectronics
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
Monolithic bus driver with ISO 9141 interface
15-Jun-2009
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
Automotive ISO 9141 Serial Link Driver
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
ISO K Line Serial Link Interface
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
ISO K Line Serial Link Interface
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com