Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33199 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33199
Description  Automotive ISO 9141 Serial Link Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33199 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33199 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33199 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Document Number: MC33199
Rev. 4.0, 10/2006
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as
may be required, to permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Automotive ISO 9141 Serial Link
Driver
The MC33199 is a serial interface circuit used in diagnostic
applications. It is the interface between the microcontroller and the
special K and L lines of the ISO diagnostic port. The MC33199 has
been designed to meet the «Diagnosis System ISO9141»
specification.
The device has a bi-directional bus K line driver, fully protected
against short circuits and over temperature. It also includes the L line
receiver, used during the wake up sequence in the ISO transmission.
The MC33199 has a unique feature which allow transmission Baud
rate up to 200kBaud.
Features
• Electrically Compatible with Specification “Diagnosis System
ISO9141”
• Transmission speed up to 200kBaud
• Internal Voltage Reference Generator for Line Comparator
Thresholds
• TXD, RXD and LO pins are 5V CMOS Compatible
• High Current Capability of DIA pin (K line)
• Short Circuit Protection for the K Line Input
• Over Temperature Shutdown with Hysteresis
• Large Operating Range of Driver Supply Voltage
• Large Operating Temperature Range
• ESD Protected pins
• Pb-Free Packaging Designated by Suffix Code EF
Figure 1. Simplified Application Diagram
LIN, ISO-9141 J-1850 PHYSICAL
INTERFACES
D SUFFIX
EF SUFFIX (PB-FREE)
PLASTIC PACKAGE
98ASB42565B
14 PIN SOIC
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33199D
-40°C to 125°C
14 SOIC
MCZ33199EF/R2
33199
VCC
LO
RXD
TXD
VS
L
I1
DIA
GND
33199
MCU
VDD
I/O
SCIRXD
SCITXD
VDD
VBAT
ISO L-LINE
ISO K-LINE
VDD
(BUS)


Similar Part No. - 33199

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
109Kb / 2P
9 mm Round Trimming Potentiometer
3319 BOURNS-3319 Datasheet
188Kb / 1P
9 mm Round Trimpot Trimming Potentiometer
logo
Heyco.
3319 HEYCO-3319 Datasheet
75Kb / 1P
Lockit™ Cable Holders - Arrowhead Mount
logo
Adafruit Industries
3319 ADAFRUIT-3319 Datasheet
203Kb / 1P
Panel Mount Stereo Audio Extension Cable - 1/8" / 3.5mm
logo
Freescale Semiconductor...
33198 FREESCALE-33198 Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
More results

Similar Description - 33199

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
ISO 9141 INTERFACE
Sep-2002
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
Freescale Semiconductor...
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
ISO K Line Serial Link Interface
logo
STMicroelectronics
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
Monolithic bus driver with ISO 9141 interface
15-Jun-2009
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
Automotive ISO 9141 Serial Link Driver
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
ISO K Line Serial Link Interface
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
ISO K Line Serial Link Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com