Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33394 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 33394
Description  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
33394
39
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
PACKAGE DIMENSIONS
DH SUFFIX
44–LEAD HSOP
PLASTIC PACKAGE
CASE 1291–01
ISSUE O
SEATING
PLANE
DATUM
PLANE
BOTTOM VIEW
A
X 45
E1
E
D
h
B
M
bbb
C
44
23
22
1
E2
_
E3
A2
SECTION W–W
b
c1
b1
c
E4
A
M
aaa
C
EXPOSED
HEATSINK AREA
A
B
C
H
PIN ONE ID
22X
Y
GAUGE
PLANE
DETAIL Y
(1.600)
L
W
W
q
bbb C
L1
NOTES:
1. CONTROLLING DIMENSION: MILLIMETER.
2. DIMENSIONS AND TOLERANCES PER ASME
Y14.5M, 1994.
3. DATUM PLANE –H– IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.150 PER SIDE. DIMENSIONS D AND E1 DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE –H–.
5. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE b DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. DATUMS –A– AND –B– TO BE DETERMINED AT
DATUM PLANE –H–.
7. DIMENSION D DOES NOT INCLUDE TIEBAR
PROTRUSIONS. ALLOWABLE TIEBAR
PROTRUSIONS ARE 0.150 PER SIDE.
DIM
MIN
MAX
MILLIMETERS
A
3.000
3.400
A1
0.025
0.125
A2
2.900
3.100
D
15.800
16.000
D1
11.700
12.600
D2
0.900
1.100
E
13.950
14.450
E1
10.900
11.100
E2
2.500
2.700
E3
6.400
7.300
E4
2.700
2.900
L
0.840
1.100
L1
0.350 BSC
b
0.220
0.350
b1
0.220
0.320
c
0.230
0.320
c1
0.230
0.280
e
0.650 BSC
h
–––
0.800
q
0
8
aaa
0.200
bbb
0.100
__
E5
–––
1.000
D3
–––
1.000
E5
4X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com