Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33394 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33394
Description  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33394 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
33394
2
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
Figure 1. 33394DH – Simplified Block Diagram and Typical Application
CAN
Wakeup
Logic
Band Gap
Reference
Standby
Control
VREF1
5.0 V
100 mA
LDO
T–Lim, I–Lim
VPP
5.0 V/3.3 V
150 mA
LDO
T–Lim, I–Lim
VDD3_3
3.3 V
120 mA
LDO, Pass
T–Lim, I–Lim
VDDL Drive
Adj. Volt.
40 mA
Dual Pass
T–Lim
Reset
Detection
VDDH,
VDD3_3,
VDDL
VDDH
5.0 V
400 mA
LDO
T–Lim, I–Lim
VREF2
5.0 V
100 mA
LDO
T–Lim, I–Lim
VREF3
5.0 V
100 mA
LDO
T–Lim, I–Lim
16 Bit
SPI
Control
Fault Rep.
POR Timer
Sleep
21
22
23
24
25
High–Speed CAN
Transceiver
20
19
18
+
10 nF
47
mF
+
10 nF
1.0
mF
+
10 nF
1.0
mF
10 nF
+
1.0
mF
10 nF
+
47
mF
17
16
15
14
13
12
11
10
VSEN
VBAT Volt.
125 mA
T–Lim, I–Lim
VKAM
Keep–Alive
Adj. Volt.
60 mA
I–Lim
GND
CANL
CANTXD
CANH
CANRXD
26
27
28
29
30
31
10 nF
10 nF
+
22
mF
2.6 V
+
100
mF
+
10
mF
Buck
Control
Logic
Boost
VPRE
Q3
MJD31C
Q2
MJD31C
10 nF
+
47
mF
10 nF
+
VDDH
5.0 V
CANRXD
42–44
41
BOOT
High–Side
Drive
Low–Side
Drive
Oscillator
Feed
Forward
Ramp
Generator
+
–
–
+
+
–
+
C1
100
mF
Enable
Sleep
32
33
34
35
36
37
10 k
10 k
10 k
110R
100R
VDDL
2.6 V
3.3 V
47
mF
VREF1
VPP_EN
VPP
VDD3_3
VDD3_FB
VDDL_B
DO
SCLK
DI
CS
/SLEEP
VREF3
VREF2
VDDH
5.0 V
5.0 V
5.0 V
47 k
HRT
/PRERESET
/HRESET
/PORESET
VDDL_X
VDDL_FB
5.0 V
5.0 V/3.3 V
9
WAKEUP
8
REGON
7
VSEN
38
39
40
5
VKAM
6
VKAM_FB
4
VIGN
3
KA_VBAT
1, 2
VBAT
4.7 k
ON
OFF
Control
Dp2
Dp1
To Q3
Cf1
Cf2
Lf1
6.8
mH
+
–
Vbg
11.7 k
40 k
Cc1
D2
VPRE_S
VPRE
VCOMP
100 pF
INV
GND
SW2G
SW1
Cb
100 nF
D1
Q1
MTD20N03HDL
L1
47
mH
Cc2
1.0 nF
Rc2
100 k
Cc3
3.3 nF
Rc3
430R
VPRE
5.6 V
22 k
20 k
VQ3
VKAM
2.6 V
Vbg
Notes: 1. In this configuration the device can operate with a minimum input voltage VBAT of 4.0 V (voltage at 33394 VBAT pins).
Notes: 2.VDDL and VKAM are adjustable to support current microprocessor technology (1.25 V to 3.3 V) by means of an external resistor divider.
Notes: 3. When the 33394 CAN transceiver is not used, CANL and CANH pins can be shorted together.
Notes: 4. Dp1 = reverse battery protection diode. Dp2 = load dump protection diode. Dp1, Dp2 can be ommitted in those applications which do not require such protection.
120 R
1.0
mF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com