Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33394 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33394
Description  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33394 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
33394
13
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
3. ELECTRICAL CHARACTERISTICS (–40
°C ≤ TA ≤ +125°C; +4.0 V ≤ VBAT ≤ +26.5 V using the 33394 typical application
circuit – see Figure 1, unless otherwise noted.)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS:
CAN Transceiver (Bus Load CANH to CANL RL = 60 Ω; Vdiff = VCANH – VCANL)
CAN Transceiver Supply Current (dominant), VCANTXD = 0V
IDD(CAN)
30
50
70
mA
CAN Transceiver Supply Current (recessive), VCANTXD = VDDH
IDD(CAN)
2.5
5
10
mA
Transmitter Data Input CANTXD
High–Level Input Voltage Threshold (recessive), Vdiff<0.5V
VIH
1.4
2.0
V
Low–Level Input Voltage Threshold (dominant), Vdiff>1.0V
VIL
0.8
1.4
V
High–Level Input Current, VCANTXD = VDDH
IIH
–5
0
+5
µA
Low–Level Input Current, VCANTXD = 0V
IIL
–10
–15
–30
µA
CANTXD Pull–up Current, VCANTXD = 0V to VIH(max)
IPU
–10
–60
µA
CANTXD Input Capacitance
(Note 1)
CI(TXD)
5
10
pF
Receiver Data Output CANRXD
High–Level Output Voltage
VCANTXD = VDDH, ICANRXD = –0.8 mA
VOH
VDDH
–0.8
VDDH
V
Low–Level Output Voltage, VCANTXD = 0, ICANRXD = 1.6 mA
VOL
0.4
V
High–Level Output Current, VCANRXD = 0.7VDDH
IOH
–800
µA
Low–Level Output Current, VCANRXD = 0.4V
IOL
1.6
mA
BUS Lines CANH, CANL
Output Voltage CANH (recessive)
VCANTXD = VDDH; RL = open
VCANH(r)
2.0
2.5
3.0
V
Output Voltage CANL (recessive)
VCANTXD = VDDH; RL = open
VCANL(r)
2.0
2.5
3.0
V
Output Current CANH (recessive)
VCANTXD = VDDH; VCANH, VCANL = 2.5V
IO(CANH)(r)
100
µA
Output Current CANL (recessive)
VCANTXD = VDDH; VCANH, VCANL = 2.5V
IO(CANL)(r)
–100
µA
Output Voltage CANH (dominant), VCANTXD = 0V
VCANH(d)
2.75
3.5
4.5
V
Output Voltage CANL (dominant), VCANTXD = 0V
VCANL(d)
0.5
1.5
2.25
V
Differential Output Voltage (dominant) VCANH(d) – VCANL(d)
VCANTXD = 0V
VOdiff(d)
1.5
2.0
3.0
V
Differential Output Voltage (recessive) VCANH(r) – VCANL(r)
VCANTXD = VDDH
VOdiff(r)
0
0.5
V
Differential Input Common Mode Voltage Range
VCM
–2.0
7.0
V
Differential Receiver Threshold Voltage (recessive)
VCANTXD = VDDH, VCANRXD < 0.4V, – 2.0V < VCM < 7.0V
VRXDdiff(th)
0.5
0.75
1.0
V
Differential Receiver Input Voltage Hysteresis
VIdiff(hys)
0.10
0.2
0.30
V
Short Circuit Output Current CANH
VCANH = – 8.0V, VCANTXD = 0V
ISC(CANH)
–70
–200
mA
Short Circuit Output Current CANL
VCANL = VBAT = 18V, VCANTXD = 0V
ISC(CANL)
70
200
mA
Loss of Ground — see Figure 11. Refer to Figure 10 for loading considerations.
Output Leakage Current CANH, VCANH = –18V
IOLKG(CANH)
–2.0
2.0
mA
Output Leakage Current CANHL, VCANL = –18V
IOLKG(CANL)
–2.0
2.0
mA
Loss of Battery — see Figure 12. Refer to Figure 10 for loading considerations.
Input Leakage Current CANH, VCANH = 6.0V
IILKG(CANH)
–800
800
µA
Input Leakage Current CANHL, VCANL = 6.0V
IILKG(CANL)
–800
800
µA
NOTE:
1. Guaranteed by design but not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com