Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33394 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33394
Description  Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33394 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33394 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33394 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
33394
SEMICONDUCTOR
TECHNICAL DATA
MULTI–OUTPUT
POWER SUPPLY
PIN CONNECTIONS
Order this document from Analog Marketing
Rev. 2.5, 11/2002
44–Lead HSOP
DH SUFFIX
CASE 1291
44–Lead QFN
FC SUFFIX
CASE 1310
(BOTTOM VIEW)
GND
CANTXD
CANL
CANRXD
CANH
/PORESET
HRT
/HRESET
/SLEEP
/PRERESET
N/C
N/C
CS
VDDL_FB
DI
VDDL_B
SCLK
VDDL_X
DO
VDD3_3FB
N/C
VDD3_3
VREF3
VPP
VREF2
VPP_EN
VDDH
VREF1
VPRE_S
WAKEUP
VPRE
REGON
VCOMP
VSEN
INV
VKAM_FB
GND
VKAM
SW2G
VIGN
BOOT
N/C
N/C
KA_VBAT
1
54–Lead SOICW–EP
DWB SUFFIX
CASE 1377
SW1
SW1
SW1
SW1
SW1
VBAT
VBAT
VBAT
VBAT
VBAT
SOICW
1
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
Switch Mode Power Supplywith
Multiple Linear Regulators and
High Speed CAN Transceiver
The 33394 is a multi–output power supply integrated circuit with high
speed CAN transceiver. The IC incorporates a switching pre–regulator
operating over a wide input voltage range from +4.0V to +26.5V (with
transients up to 45V).
The switching regulator has an internal 3.0A current limit and runs in both
buck mode or boost mode to always supply a pre–regulated output followed
by Low Drop Out (LDO) regulators: VDDH / 5.0V @ 400mA; VDD3_3 / 3.3V
@ 120mA; VDDL / 2.6V (User scalable between 3.3V – 1.25V) @ 400mA
typically, using an external NPN pass transistor. The Keep Alive regulator
VKAM (scalable) @ 50mA; FLASH memory programming voltage VPP /
5.0V or 3.3V @ 150mA; three sensor supply outputs VREF(1,2,3) / 5.0V
(tracking VDDH) @ 100mA each; and a switched battery output (VSEN) to
supply 125mA clamped to 17V.
Additional features include Active Reset circuitry watching VDDH,
VDD3_3, VDDL and VKAM, user selectable Hardware Reset Timer (HRT),
Power Sequencing circuitry guarantees the core supply voltages never
exceed their limits or polarities during system power up and power down.
A high speed CAN transceiver physical layer interfaces between the
microcontroller CMOS outputs and differential bus lines. The CAN driver is
short circuit protected and tolerant of loss of battery or ground conditions.
33394 is designed specifically to meet the needs of modules, which use
the MPC565 microcontroller, though it will also support others from the
MPC5XX family of Motorola microcontrollers.
Features:
• Wide operating input voltage range: +4.0V to +26.5V (+45V transient).
• Provides all regulated voltages for MPC5XX MCUs and other ECU’s
logic and analog functions.
• Accurate power up/down sequencing.
• Provides necessary MCU support monitoring and fail–safe support.
• Provides three 5.0 V buffer supplies for internal & external (short–circuit
protected) sensors.
• Includes step–down/step–up switching regulator to provide supply
voltages during different battery conditions.
• Interfaces Directly to Standard 5.0V I/O for CMOS Microprocessors by
means of Serial Peripheral Interface.
PIN CONNECTIONS
VBAT
VBAT
KA_VBAT
VIGN
VKAM
SW1
SW1
SW1
BOOT
SW2G
GND
/SLEEP
HRT
CANH
CANL
GND
CANTXD
CANRXD
/PORESET
/HRESET
/PRERESET
VDDL_FB
1
VBAT
SW1
VBAT
SW1
KA_VBAT
SW1
VIGN
BOOT
VKAM
SW2G
VKAM_FB
GND
VSEN
INV
REGON
VCOMP
WAKEUP
VPRE
VREF1
VPRE_S
VPP_EN
VDDH
VPP
VREF2
VDD3_3
VREF3
VDD3_3FB
DO
VDDL_X
SCLK
VDDL_B
DI
VDDL_FB
CS
/PRERESET
/SLEEP
/HRESET
HRT
/PORESET
CANH
CANRXD
CANL
CANTXD
GND
1
HSOP
QFN
TOP VIEW
© Motorola, Inc. 2002
This document contains information on a new product. Specifications
and information herein are subject to change without notice.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 33394

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
33394 NXP-33394 Datasheet
803Kb / 44P
Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
Rev. 2.5, 11/2002
logo
Wiha Tools
33394 WIHA-33394 Datasheet
103Kb / 1P
Nut driver and bit set 1/4" 40 pcs. incl. multifunctional bag with belt clip (44684)
More results

Similar Description - 33394

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
Switching Power Supply with Linear Regulators
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
Switching Power Supply with Linear Regulators
33997 FREESCALE-33997 Datasheet
455Kb / 20P
Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
Switching Power Supply with Linear Regulators
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
3.0A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
logo
NXP Semiconductors
33394 NXP-33394 Datasheet
803Kb / 44P
Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
Rev. 2.5, 11/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com