Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33997 Datasheet (PDF) - Freescale Semiconductor, Inc

33997 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33997
Download  33997 Download
File Size   455.87 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Switching Power Supply with Linear Regulators

33997 Datasheet (PDF)

Go To PDF Page Download Datasheet
33997 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33997
Download  33997 Click to download

File Size   455.87 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Switching Power Supply with Linear Regulators

33997 Datasheet (HTML) - Freescale Semiconductor, Inc


33997 Product details

Switching Power Supply with Linear Regulators

The 33997 is a medium-power, multi-output power supply integrated circuit that is capable of operating over a wide input voltage range, from 6.0 V up to 26.5 V with 40 V transient capability. It incorporates a sensorless current mode control step-down switching controller regulating directly to 5.0 V. The 3.3 V linear regulator uses an external pass transistor to reduce the 33997 power dissipation. The 33997 also provides a 3.3 V linear standby regulator and two 5.0 V sensor supply outputs protected by internal low-resistance LDMOS transistors.

Features
• Operating Voltage Range 6.0 V up to 26.5 V (40 V transient)
• Step-Down Switching Regulator Output VDDH = 5.0 V @ 1400 mA (total)
• Linear Regulator with External Pass Transistor VDDL = 3.3 V @ 400 mA
• Low-Power Standby Linear Regulator VKAM = 3.3 V @ 10 mA
• Two 5.0 V @ 200 mA (typical) Sensor Supplies VREF Protected Against
    Short-to-Battery and Short-to-Ground with Retry Capability
• Undervoltage Shutdown on the VDDL, VDDH Outputs with Retry Capability
• Reset Signals
• Power-Up Delay
• Enable Pins for Main Supplies (EN) and Sensor Supplies (SNSEN)
• Power Sequencing for Advanced Microprocessor Architectures
• SOIC-24WB Package




Similar Part No. - 33997

ManufacturerPart #DatasheetDescription
logo
Heyco.
3399 HEYCO-3399 Datasheet
208Kb / 1P
PCB Supports and LED Spacers LabKit #10
logo
Adafruit Industries
3399 ADAFRUIT-3399 Datasheet
159Kb / 3P
Code.org Circuit Playground Express Educators Pack
7-13-18
logo
3M Electronics
3399-6000 3M-3399-6000 Datasheet
461Kb / 3P
3M Pak 100 Wiremount Socket
3399-6050 3M-3399-6050 Datasheet
470Kb / 3P
3M??Pak 100 Wiremount Socket
3399-60E 3M-3399-60E Datasheet
470Kb / 3P
3M??Pak 100 Wiremount Socket
More results


Similar Description - 33997

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
Switching Power Supply with Linear Regulators
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
Switching Power Supply with Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
logo
Freescale Semiconductor...
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
logo
Maxim Integrated Produc...
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
Supply Current Low-Dropout Linear Regulators
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com