Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33997 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33997 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
33997
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 33997 Simplified Block Diagram
SNSEN
VPW R
KA_VPW R
GND
339 97
EN
VSW
VDDH
DRVL
FBL
PWROK
V KAM
VKAMOK
V bg
VREF1
VREF2
I-lim
Ramp
Osc
Soft
Start
Logic
&
Latch
PwrOK
VkamOK
POR
3.3V
Lin ear
Re gulat or
Driver
3.3V
Standb y
Reg.
B andgap
Voltage
Reference
Charge
Pump
VREF1
Reg.
VREF2
Reg.
Vbg
Vbg
CRES
VSUM
FBKB
En able
Co ntrol
Enb
Sn senb
5.0 V
5.0 V
3.3 V
5.0 V
3.3 V
Snsenb
Snsenb
Enb
Enb
Enb
Retry
Retry
Drive
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com