Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33997 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33997 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33997
3
PIN FUNCTION DESCRIPTION
Pin
Pin Name
Description
1
VKAMOK
Keep-Alive Output Monitoring. This pin is an "open-drain" output that will be used with a discrete pull-up resistor
to VKAM. When the supply voltage to the 33997 is disconnected or lost, the VKAMOK signal goes low.
2
KA_VPWR
Keep Alive Power Supply Pin. This supply pin is used in modules that have both direct battery connections and
ignition switch activated connections.
3
CRES
Reservoir Capacitor. This pin is tied to an external "reservoir capacitor" for the internal charge pump.
4
VPWR
Power Supply Pin. Main power input to the IC. This pin is directly connected to the switching regulator power
MOSFET. In automotive applications this pin must be protected against reverse battery conditions by an
external diode.
5–8
GND
Ground of the integrated circuit.
9
VSW
Internal P-Channel Power MOSFET Drain. VSW is the "switching node" of the voltage buck converter. This pin
is connected to the VPWR pin by an integrated p-channel MOSFET.
10
PWROK
Power OK Reset Pin. This pin is an "open-drain" output that will be used with a discrete pull-up resistor to
VKAM, VDDH, or VDDL. When either VDDH or VDDL output voltage goes out of the regulation limits this pin is
pulled down.
11
FBKB
Step-Down Switching Regulator Feedback Pin. The FBKB pin is the VDDH feedback signal for the switching
regulator.
12
VSUM
Error Amplifier "Summing Node". The VSUM pin is connected to the inverting input of the error amplifier. This
node is also the "common" point of the integrated feedback resistor divider.
13
DRVL
Drive for VDDL (3.3 V) Regulator. The DRVL pin drives the base of an external NPN pass transistor for the
VDDL linear post regulator. The collector of the VDDL pass transistor is connected to VDDH. An example of a
suitable pass transistor is BCP68.
14
FBL
Feedback for VDDL (3.3 V) Regulator. The FBL pin is the voltage feedback sense signal from the VDDL (3.3 V)
linear post regulator.
15
VDDH
VDDH is an input supply pin providing power for the buffered sensor supplies and the drive circuitry for the 3.3 V
linear power regulator. The VDDH pin is supplied from the switching regulator output, capable of providing 5.0 V
@ 1400 mA total output current.
16
VREF2
Sensor Supply #2 Output. The VREF2 pin is sensor supply output #2.
17–20
GND
Ground of the integrated circuit.
21
VREF1
Sensor Supply #1 Output. The VREF1 pin is sensor supply output #1.
VKAM
GND
GND
GND
GND
VREF2
VDDH
FBL
DRVL
EN
SNSEN
VREF1
VKAMOK
GND
GND
GND
GND
VSW
PWROK
VSUM
KA_VPWR
CRES
VPWR
FBKB
5
6
7
8
9
10
11
12
2
3
4
24
20
19
18
17
16
15
13
23
22
21
14
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com