Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33997 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33997 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Motorola, Inc. 2003
33997 Simplified Application Diagram
Document order number: MC33997/D
Rev 3.0, 03/2003
33997
Advance Information
Switching Power Supply with Linear
Regulators
The 33997 is a medium-power, multi-output power supply integrated circuit
that is capable of operating over a wide input voltage range, from 6.0 V up to
26.5 V with 40 V transient capability. It incorporates a sensorless current
mode control step-down switching controller regulating directly to 5.0 V. The
3.3 V linear regulator uses an external pass transistor to reduce the 33997
power dissipation. The 33997 also provides a 3.3 V linear standby regulator
and two 5.0 V sensor supply outputs protected by internal low-resistance
LDMOS transistors.
There are two separate enable pins for the main and sensor supply outputs
and standard supervisory functions such as resets with power-up reset delay.
The 33997 provides proper power supply sequencing for advanced
microprocessor architectures such as the Motorola MPC5xx and 683xx
microprocessor families.
Features
• Operating Voltage Range 6.0 V up to 26.5 V (40 V transient)
• Step-Down Switching Regulator Output VDDH = 5.0 V @ 1400 mA (total)
• Linear Regulator with External Pass Transistor VDDL = 3.3 V @ 400 mA
• Low-Power Standby Linear Regulator VKAM = 3.3 V @ 10 mA
• Two 5.0 V @ 200 mA (typical) Sensor Supplies VREF Protected Against
Short-to-Battery and Short-to-Ground with Retry Capability
• Undervoltage Shutdown on the VDDL, VDDH Outputs with Retry Capability
• Reset Signals
• Power-Up Delay
• Enable Pins for Main Supplies (EN) and Sensor Supplies (SNSEN)
• Power Sequencing for Advanced Microprocessor Architectures
• SOIC-24WB Package
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33997DW/R2
-40°C to 125°C
24 SOICW
DW SUFFIX
24-LEAD SOICW
CASE 751E
POWER SUPPLY
INTEGRATED CIRCUIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 33997

ManufacturerPart #DatasheetDescription
logo
Heyco.
3399 HEYCO-3399 Datasheet
208Kb / 1P
PCB Supports and LED Spacers LabKit #10
logo
Adafruit Industries
3399 ADAFRUIT-3399 Datasheet
159Kb / 3P
Code.org Circuit Playground Express Educators Pack
7-13-18
logo
3M Electronics
3399-6000 3M-3399-6000 Datasheet
461Kb / 3P
3M Pak 100 Wiremount Socket
28-Jan-2005
3399-6050 3M-3399-6050 Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
3399-60E 3M-3399-60E Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
More results

Similar Description - 33997

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
Switching Power Supply with Linear Regulators
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
Switching Power Supply with Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
logo
Freescale Semiconductor...
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
logo
Maxim Integrated Produc...
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
Supply Current Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com