Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33997 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33997 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33997
13
SYSTEM/APPLICATION INFORMATION
INTRODUCTION
The 33997 multi-output power supply integrated circuit is
capable of operating from 6.0 V up to 26.5 V with 40 V transient
capability. It incorporates a step-down switching controller
regulating directly to 5.0 V. The 3.3 V linear regulator uses an
external pass transistor, thus reducing the power dissipation of
the integrated circuit. The 33997 also provides a 3.3 V linear
standby regulator and two 5.0 V sensor supply outputs
protected by internal low-resistance LDMOS transistors
against short-to-battery and short-to-ground.
FUNCTIONAL PIN DESCRIPTION
Switching Regulator VDDH
The switching regulator is a high-frequency (750 kHz),
conventional buck converter with integrated high-side p-
channel power MOSFET. Its output voltage is regulated to
provide 5.0 V with ±2% accuracy and it is intended to directly
power the digital and analog circuits of the Electronic Control
Module (ECM). The switching regulator output is rated for
1400 mA total output current. This current can be used by the
linear regulator VDDL and sensor supplies VREF1 and VREF2.
The 33997 switching controller utilizes "Sensorless Current
Mode Control" to achieve good line rejection and stabilize the
feedback loop. A soft-start feature is incorporated into the
33997. When the device is enabled, the switching regulator
output voltage VDDH ramps up to about half of full scale and
then takes 16 steps up to the nominal regulation voltage level
(5.0 V nominal).
3.3 V Linear Regulator VDDL
The 3.3 V linear post-regulator is powered from the 5.0 V
switching regulator output (VDDH). A discrete pass transistor is
used to the power path for the VDDL regulator. This
arrangement minimizes the power dissipation off the controller
IC. The FBL pin is the feedback input of the regulator control
loop and the DRVL pin the external NPN pass transistor base
drive. Power up, power down, and fault management are
coordinated with the 5.0 V switching regulator.
Sensor Supplies VREF1 and VREF2
The sensor supplies are implemented using a protected
switch to the main 5.0 V (switching regulator) output. The
33997 integrated circuit provides two low-resistance LDMOS
power MOSFETs connected to the switching regulator output
(VDDH). These switches have short-to-battery and short-to-
ground protection integrated into the IC. When a severe fault
conditions is detected, the affected sensor output is turned off
and the sensor Retry Timer starts to time out. After the Retry
Timer expires, the sensor supply tries to power up again.
Sensor supplies VREF can be disabled by pulling the Sensor
Enable SNSEN pin low (see Figure 7 for the VREF Retry Timer
operation).
Notes: Severe fault conditions on the VREF1 and VREF2
outputs, like hard shorts to either ground or battery, may disrupt
the operation of the main regulator VDDH. Shorts to battery
above 17 V are considered “double faults” and neither one of
the VREF outputs is protected against such conditions.
Depending on the VDDH capacitor value and its ESR value,
the severity of the short may disrupt the VDDH operation.
Keep-Alive (Standby) Regulator VKAM
The Keep-Alive Regulator VKAM (keep-alive memory) is
intended to provide power for “key off” functions such as
nonvolatile SRAM, “KeyOff" timers and controls, KeySwitch
monitor circuits, and perhaps a CAN/SCP monitor and wake-
up function. It may also power other low-current circuits
required during a “KeyOff” condition. The regulated voltage is
nominally 3.3 V. A severe fault condition on the VKAM output is
signaled by pulling the VKAMOK signal low.
VKAM Keep-Alive Operation (Standby, Power-Down
Mode)
When the EN pin is pulled low, the power supply is forced
into a low-current standby mode. In order to reduce current
drawn by the VPWR and KA_VPWR pins, all power supply
functions are disabled except for the VKAM and Enable (EN)
pins. The latter pin is monitored for the "wake-up" signal. The
switching transistor gate is actively disabled and the VDDL and
VDDH pins are actively pulled low.
Power-Up Delay Timers
Two Power-Up Delay timers are integrated into the control
section of the integrated circuit. One timer monitors the input
voltage at the VPWR input pin (see Figure 3), and the other
monitors the input voltage at the KA_VPWR input pin. In both
cases, sufficient supply voltage must be present long enough
for the timers to “time out” before the switching regulator can be
enabled.
Fault-Off Timer
If the VDDL output voltage does not reach its valid range at
the end of soft-start period, or if the VDDH or VDDL output
voltage gets below its PWROK threshold level, the Fault-Off
Timer shuts the switching regulator off until the timer “times
out” and the switching regulator retries to power up again (see
Figure 7 for Fault-Off Timer operation details).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com