Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV304P Datasheet(PDF) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDV304P
Description  P-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDV304P Datasheet(HTML) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDV304P Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
■
Typical Characterisitics
0.00
5.00
10.00
15.00
20.00
25.00
0.00
1.00
2.00
3.00
4.00
5.00
-VDS (Volts)
Fig 1: On-Region Characteristics
V GS =-2V
-2.5V
-3V
-4.5V
-10V
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
-VGS(Volts)
Figure 2: Transfer Characteristics
20
40
60
80
100
120
0.00
2.00
4.00
6.00
8.00
10.00
-ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
V GS =-2.5V
ID=-3.5A, VGS=-4.5V
10
30
50
70
90
110
130
150
170
190
0
2
4
6
8
10
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
V DS =-5V
V GS =-2.5V
V GS =-4.5V
V GS =-10V
ID=-2A
25°C
125°C
ID=-1A
3
Rev:2023A2
SMD Type
P-Channel Enhancement MOSFET
FDV304P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com