Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV304P Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDV304P
Description  P-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDV304P Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDV304P Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-30
V
VDS=-24V, VGS=0V
-1
VDS=-24V, VGS=0V, TJ=55℃
-5
Gate-Body leakage current
IGSS
VDS=0V, VGS=±12V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-0.4
-1.3
V
VGS=-4.5V, ID=-4A
65
VGS=-2.5V, ID=-1A
120
On state drain current
ID(ON)
VGS=-4.5V, VDS=-5V
-25
A
Forward Transconductance
gFS
VDS=-5V, ID=-5A
7
11
S
Input Capacitance
Ciss
954
Output Capacitance
Coss
115
Reverse Transfer Capacitance
Crss
77
Gate resistance
Rg
VGS=0V, VDS=0V, f=1MHz
6
Ω
Total Gate Charge
Qg
9.4
Gate Source Charge
Qgs
2
Gate Drain Charge
Qgd
3
Turn-On DelayTime
td(on)
6.3
Turn-On Rise Time
tr
3.2
Turn-Off DelayTime
td(off)
38.3
Turn-Off Fall Time
tf
12
Body Diode Reverse Recovery Time
trr
IF=-4A, dI/dt=100A/μs
20.2
Body Diode Reverse Recovery Charge
Qrr
IF=5A, dI/dt=100A/μs
11.2
nC
Maximum Body-Diode Continuous Current
IS
-2.2
A
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-0.75
-1
V
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
mΩ
VGS=-10V, VDS=-15V, RL=3.6Ω,RGEN=6Ω
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=-15V, f=1MHz
VGS=-4.5V, VDS=-15V, ID=-4A
2
Rev:2023A2
SMD Type
P-Channel Enhancement MOSFET
FDV304P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com