Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV304P Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDV304P
Description  P-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDV304P Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDV304P Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
P-Channel Enhancement MOSFET
■
Features
●
VDS (V) =-30V
●
ID =-4.2 A (VGS =-10V)
●
RDS(ON) < 65mΩ (VGS =-4.5V)
●
RDS(ON) < 120mΩ (VGS =-2.5V)
G
D
S
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±
12
Continuous Drain Current
Ta = 25℃
-4.2
Ta = 70℃
-3.5
Pulsed Drain Current
IDM
-30
Power Dissipation
Ta = 25℃
1.4
Ta = 70℃
1
Thermal Resistance.Junction- to-Ambient t ≤ 10s
90
Thermal Resistance.Junction- to-Ambient
125
Thermal Resistance.Junction- to-Case
RthJC
60
Junction Temperature
TJ
150
Junction and Storage Temperature Range
Tstg
-55 to 150
RthJA
ID
PD
W
V
℃
/W
A
℃
1
Rev:2023A2
SOT–23
1. GATE
2. SOURCE
3. DRAIN
FDV304P


Similar Part No. - FDV304P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDV304P FAIRCHILD-FDV304P Datasheet
63Kb / 4P
Digital FET, P-Channel
logo
Guangdong Youtai Semico...
FDV304P UMW-FDV304P Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
logo
ON Semiconductor
FDV304P ONSEMI-FDV304P Datasheet
170Kb / 6P
Digital FET, P-Channel
August 1997 Rev.E1
logo
VBsemi Electronics Co.,...
FDV304P-NL VBSEMI-FDV304P-NL Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - FDV304P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com