Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV304P Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDV304P
Description  P-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDV304P Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDV304P Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDV304P Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
.
■
Typical Characterisitics
0
1
2
3
4
5
0
2
4
6
8
10
12
-Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
25
30
-VDS (Volts)
Figure 8: Capacitance Characteristics
C iss
0
10
20
30
40
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
C oss
C rss
0.1
1.0
10.0
100.0
0.1
1
10
100
-VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100
µs
10ms
1ms
0.1s
1s
10s
DC
R DS(ON)
limited
TJ(Max)=150°C
TA=25°C
V DS =-15V
ID =-4A
Single Pulse
D=T on/T
TJ,PK=T A+P DM .ZθJA.RθJA
R θJA=90°C/W
Ton
T
P D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C
10
µs
4
Rev:2023A2
SMD Type
P-Channel Enhancement MOSFET
FDV304P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com