Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
MPC5200B Data Sheet, Rev. 1
Electrical and Thermal Characteristics
Freescale Semiconductor
28
Figure 11. Timing Diagram—Non-MUXed Mode
3.3.7.2
Burst Mode
Table 25. Burst Mode Timing
Sym
Description
Min
Max
Units Notes SpecID
tCSA
PCI CLK to CS assertion
4.6
10.6
ns
A7.22
tCSN
PCI CLK to CS negation
2.9
7.0
ns
A7.23
t1
CS pulse width
(1+WS+4LB*2*(32/DS))*
tPCIck
(1+WS+4LB*2*(32/DS))
*tPCIck
ns
(1),(2)
A7.24
t2
ADDR valid before CS assertion
tIPBIck
tPCIck
ns
A7.25
t3
ADDR hold after CS negation
-0.7
-
ns
A7.26
t4
OE assertion before CS assertion
-
4.8
ns
A7.27
t5
OE negation before CS negation
-
2.7
ns
A7.28
t6
RW valid before CS assertion
tPCIck
-
ns
A7.29
t7
RW hold after CS negation
tPCIck
-
ns
A7.30
ADDR
DATA (rd)
CS[x]
R/W
DATA (wr)
OE
t10
t11
TS
t2
t6
t8
t7
t4
t3
t9
TSIZ[1:2]
t5
t17
t16
ACK
t12
t13
t14
t15
t1
PCI CLK
t18
t19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com