Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 78Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
MPC5200B Data Sheet, Rev. 1
Document Revision History
Freescale Semiconductor
76
7
Document Revision History
Table 55 provides a revision history for this hardware specification.
For more detailed information, refer to the following documentation:
1. MPC5200B User Manual MPC5200BUM
2. “PowerPC Microprocessor Family: The Programming Environments for 32-bit Microprocessors,”
Rev. 2: MPCFPE32B/AD
3. G2 Core Reference Manual, Rev. 0: G2CORERM/D
4. “PCI Local Bus Specification,” Revision 2.2, December 18, 1998
5. “ANSI ATA-4 Specification”
6. “IEEE 802.3 Specification (ETHERNET)”
Table 55. Document Revision History
Rev. No.
Substantive Change(s)
0.1
First Preliminary release with some TBD’s in spec tables (3/2005)
0.2
Updates to Ethernet, LPC, Power Down, Input Leakage, Ordering Information (7/2005)
0.3
Updates to LPC timing and Pull-up/Pull-down Requirements (8/2005)
0.4
Updates to Power dissipation (8/2005)
0.5
Applied marked-up hard copy edits and Tabasco excel edits (10/2005)
0.6
Changed the alias name for ETH_2 to USB_TXP, RTS, TXD[1] in Table 52.
0.7
Table 2:
• Two rows were added at the bottom that with ranges from -40 to +105 and -40 to +125
• The rows from -40 to +85 and -40 to +115 were footnoted with "Maximum e300 core operating
frequency is 400 MHz.
• The rows from -40 to +115 and -40 to +125 were footnoted with "Maximum e300 core operating
frequency is 266 MHz
Table 54:
• Eliminated all part numbers for 466 MHz
• Eliminated all "standard" package part numbers except for the one automotive grade at 400 MHz
• MPC5200CVR266B was changed to MPC5200CVR400B with the speed of 400 MHz
1
Table 12: 466 MHz was changed to 400 MHz; removed 2 blank pages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com