Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
System Design Information
MPC5200B Data Sheet, Rev. 1
Freescale Semiconductor
73
For a board with a COP (common on-chip processor) connector, which accesses the JTAG interface and
which needs to reset the JTAG module, simply wiring JTAG_TRST and PORRESET is not recommended.
To reset the MPC5200B via the COP connector, the HRESET pin of the COP should be connected to the
HRESET pin of the MPC5200B. The circuitry shown in Figure 54 allows the COP to assert HRESET or
JTAG_TRST separately, while any other board sources can drive PORRESET.
7
JTAG_TCK
tck
100k Pull-Up
10k Pull-Up
O
6—
VDD(2)
——
—
5
See Note (3).
halted(3)
——
I
4JTAG_TRST
trst
100k Pull-Up
10k Pull-Up
O
3
JTAG_TDI
tdi
100k Pull-Up
10k Pull-Up
O
2
See Note (4).
qack(4)
——
O
1JTAG_TDO
tdo
—
—
I
NOTES:
1.
With respect to the emulator tool’s perspective:
Input is really an output from the embedded e300 core.
Output is really an input to the core.
2.
From the board under test, power sense for chip power.
3.
HALTED is not available from e300 core.
4.
Input to the e300 core to enable/disable soft-stop condition during breakpoints. MPC5200B
internally ties CORE_QACK to GND in its normal/functional mode (always asserted).
Table 53. COP/BDM Interface Signals (continued)
BDM
Pin #
MPC5200B
I/O Pin
BDM
Connector
Internal
Pull Up/Down
External
Pull Up/Down
I/O(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com