Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5200B Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
Features
MPC5200B Data Sheet, Rev. 1
Freescale Semiconductor
3
•
6 Programmable Serial Controllers (PSC), configurable for the following:
— UART or RS232 interface
— CODEC interface for Soft Modem, Master/Slave CODEC Mode, I2S and AC97
— Full duplex SPI mode
— IrDA mode from 2400 bps to 4 Mbps
•
Fast Ethernet Controller (FEC)
— Supports 100Mbps IEEE 802.3 MII, 10 Mbps IEEE 802.3 MII, 10 Mbps 7-wire interface
•
Universal Serial Bus Controller (USB)
— USB Revision 1.1 Host
— Open Host Controller Interface (OHCI)
— Integrated USB Hub, with two ports.
•
Two Inter-Integrated Circuit Interfaces (I2C)
•
Serial Peripheral Interface (SPI)
•
Dual CAN 2.0 A/B Controller (MSCAN)
— Motorola Scalable Controller Area Network (MSCAN) architecture
— Implementation of version 2.0A/B CAN protocol
— Standard and extended data frames
•
J1850 Byte Data Link Controller (BDLC)
— J1850 Class B data communication network interface compatible and ISO compatible for low
speed (<125 kbps) serial data communications in automotive applications.
— Supports 4X mode, 41.6 kbps
— In-frame response (IFR) types 0, 1, 2, and 3 supported
•
Systems level features
— Interrupt Controller supports four external interrupt request lines and 47 internal interrupt
sources
— GPIO/Timer functions
– Up to 56 total GPIO pins (depending on functional multiplexing selections) that support a
variety of interrupt/WakeUp capabilities.
– Eight GPIO pins with timer capability supporting input capture, output compare, and pulse
width modulation (PWM) functions
— Real-time Clock with one-second resolution
— Systems Protection (watch dog timer, bus monitor)
— Individual control of functional block clock sources
— Power management: Nap, Doze, Sleep, Deep Sleep modes
— Support of WakeUp from low power modes by different sources (GPIO, RTC, CAN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com