Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250VR Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8250VR
Description  Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250VR Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8250VR Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
MPC8250 Hardware Specifications, Rev. 1
58
Freescale Semiconductor
Ordering Information
6
Ordering Information
Figure 19 provides an example of the Freescale part numbering nomenclature for the MPC8250. In
addition to the processor frequency, the part numbering scheme also consists of a part modifier that
indicates any enhancement(s) in the part from the original production design. Each part number also
contains a revision code that refers to the die mask revision number and is specified in the part numbering
scheme for identification purposes only. For more information, contact your local Freescale sales office.
Figure 19. Freescale Part Number Key
7
Document Revision History
Table 23 provides a revision history for this template.
Table 23. Document Revision History
Revision
Date
Substantive Changes
0
11/2001
Initial version
0.1
2/2002
• Note 2 for Table 4 (changes in italics): “...greater than
or equal to 266 MHz, 200 MHz CPM...”
• Table 18: core and bus frequency values for the following ranges of MODCK_HMODCK:
0011_000 to 0011_100 and 1011_000 to 1011_1000
• Table 19: footnotes added to pins at AE11, AF25, U5, and V4.
0.2
3/2202
• Table 19: modified notes to pins AE11 and AF25.
• Table 19: added note to pins AA1 and AG4 (Therm0 and Therm1).
0.3
3/2002
• Table 19: modified note to pin AF25.
0.4
5/2002
• Table 2: Notes 2 and 3
• Addition of note on page 8:VDDH and VDD tracking
• Table 14: Note 3
• Table 16: Note 1
• Table 18: Note 3
0.5
9/2002
Addition of VR (516 PBGA) package information. Refer to sections 2.2, 4.2, and 5.
0.6
10/2002 Table 21, “VR Pinout”: corrected ball assignment for the following pins—A12–A17, TA, PD5, PC2.
0.7
10/2002 Table 21, “VR Pinout”: Addition of L3 to the Core (VDDx) pin list (page 53)
0.8
11/2002
Table 21, “VR Pinout”: Addition of C18 to the Ground (GND) pin list (page 53)
Product Code
Device Number
Process Technology
Package
Processor Frequency
Die Revision Level
MPC 8250 A C
Temperature Range
ZU XXX
(CPU/CPM/Bus)
X
(A = 0.25 micron)
(Blank = 0 to 105 °C
C = -40 to 105 °C)
ZU = 480 TBGA
VR = 516 PBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com