Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250VR Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8250VR
Description  Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250VR Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8250VR Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
MPC8250 Hardware Specifications, Rev. 1
Freescale Semiconductor
59
Document Revision History
0.9
8/2003
• Table 2: Modification to supply voltage ranges reflected in notes 2, 3, and 4
• Addition of VCCSYN to “Note: Core, PLL, and I/O Supply Voltages” following Table 2
• Addition of Figure 2
• Addition of note 1 to Table 3
• Table 4: Changes to
θJA. Addition of θJB and θJC
• Table 7, Figure 8: Addition of sp42a/sp43a
• Figure 3 through Figure 8: Addition of notes or modifications
• Table 9: Change to sp10
• Table 14, Table 16, and Table 18: Removal of PLL bypass mode from clock tables
• Table 19 and Table 21: Addition of note 1
• Addition of SPICLK to PC19 in Table 19 and Table 21. It is documented correctly in the
MPC8260 PowerQUICC II™ Family Reference Manual but had previously been omitted from
Table 19 and Table 21.
1
3/29/2005 Document template update
Table 23. Document Revision History (continued)
Revision
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com