Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8250VR Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8250VR
Description  Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8250VR Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8250VR Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8250VR Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
MPC8250 Hardware Specifications, Rev. 1
10
Freescale Semiconductor
Electrical and Thermal Characteristics
2.2
Thermal Characteristics
Table 4 describes thermal characteristics.
2.3
Power Considerations
The average chip-junction temperature, TJ, in °C can be obtained from the following:
TJ = TA + (PD x θJA)
(1)
where
TA = ambient temperature °C
θ
JA = package thermal resistance, junction to ambient, °C/W
PD = PINT + PI/O
PINT = IDD x VDD Watts (chip internal power)
PI/O = power dissipation on input and output pins (determined by user)
For most applications PI/O < 0.3 x PINT. If PI/O is neglected, an approximate relationship between PD and
TJ is the following:
PD = K/(TJ + 273° C)
(2)
Solving equations (1) and (2) for K gives:
K = PD x (TA + 273° C) + θJA x PD
2
(3)
1
The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive
DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
2
The leakage current is measured for nominal VDD, VCCSYN, and VDD.
Table 4. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Air Flow
480 TBGA
(ZU package)
516 PBGA
(VR package)
Junction to ambient—
single-layer board 1
1
Assumes no thermal vias
θJA
13
24
°C/W
Natural convection
10
18
1 m/s
Junction to ambient—
four-layer board
11
16
Natural convection
813
1 m/s
Junction to board 2
2
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
θJB
48
°C/W
—
Junction to case 3
3
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
θJC
1.1
6
°C/W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com