Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541E Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8541E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
21
Ethernet: Three-Speed, MII Management
Table 18. GMII, MII, and TBI DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage 3.3 V
LVDD
—3.13
3.47
V
Output high voltage
VOH
IOH = –4.0 mA
LVDD = Min
2.40
LVDD + 0.3
V
Output low voltage
VOL
IOL = 4.0 mA
LVDD = Min
GND
0.50
V
Input high voltage
VIH
—
—
1.70
LVDD + 0.3
V
Input low voltage
VIL
—
—
–0.3
0.90
V
Input high current
IIH
VIN
1 = LV
DD
—40
μA
Input low current
IIL
VIN
1 = GND
–600
—
μA
Note:
1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
Table 19. GMII, MII, RGMII RTBI, and TBI DC Electrical Characteristics
Parameters
Symbol
Min
Max
Unit
Supply voltage 2.5 V
LVDD
2.37
2.63
V
Output high voltage
(LVDD = Min, IOH = –1.0 mA)
VOH
2.00
LVDD + 0.3
V
Output low voltage
(LVDD = Min, IOL = 1.0 mA)
VOL
GND – 0.3
0.40
V
Input high voltage
(LVDD = Min)
VIH
1.70
LVDD + 0.3
V
Input low voltage
(LVDD = Min)
VIL
–0.3
0.70
V
Input high current
(VIN
1 = LV
DD)
IIH
—10
μA
Input low current
(VIN
1 = GND)
IIL
–15
—
μA
Note:
1. Note that the symbol VIN, in this case, represents the LVIN symbol referenced in Table 1and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com