Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541E Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8541E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
5
Overview
— Four global high resolution timers/counters that can generate interrupts
— Supports additional internal interrupt sources
— Supports fully nested interrupt delivery
— Interrupts can be routed to external pin for external processing
— Interrupts can be routed to the e500 core’s standard or critical interrupt inputs
— Interrupt summary registers allow fast identification of interrupt source
•Two I2C controllers (one is contained within the CPM, the other is a stand-alone controller which
is not part of the CPM)
— Two-wire interface
— Multiple master support
— Master or slave I2C mode support
— On-chip digital filtering rejects spikes on the bus
•
Boot sequencer
— Optionally loads configuration data from serial ROM at reset via the stand-alone I2C interface
— Can be used to initialize configuration registers and/or memory
— Supports extended I2C addressing mode
— Data integrity checked with preamble signature and CRC
•
DUART
— Two 4-wire interfaces (RXD, TXD, RTS, CTS)
— Programming model compatible with the original 16450 UART and the PC16550D
•
Local bus controller (LBC)
— Multiplexed 32-bit address and data operating at up to 166 MHz
— Eight chip selects support eight external slaves
— Up to eight-beat burst transfers
— The 32-, 16-, and 8-bit port sizes are controlled by an on-chip memory controller
— Three protocol engines available on a per chip select basis:
– General purpose chip select machine (GPCM)
– Three user programmable machines (UPMs)
– Dedicated single data rate SDRAM controller
— Parity support
— Default boot ROM chip select with configurable bus width (8-, 16-, or 32-bit)
•
Two Three-speed (10/100/1000)Ethernet controllers (TSECs)
— Dual IEEE 802.3, 802.3u, 802.3x, 802.3z AC compliant controllers
— Support for Ethernet physical interfaces:
– 10/100/1000 Mbps IEEE 802.3 GMII
– 10/100 Mbps IEEE 802.3 MII
– 10 Mbps IEEE 802.3 MII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com