Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541E Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8541E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
60
Freescale Semiconductor
Package and Pin Listings
Clock
SYSCLK
AH21
I
OVDD
RTC
AB23
I
OVDD
CLK_OUT
AF22
O
OVDD
JTAG
TCK
AF21
I
OVDD
TDI
AG21
I
OVDD
12
TDO
AF19
O
OVDD
11
TMS
AF23
I
OVDD
12
TRST
AG23
I
OVDD
12
DFT
LSSD_MODE
AG19
I
OVDD
20
L1_TSTCLK
AB22
I
OVDD
20
L2_TSTCLK
AG22
I
OVDD
20
TEST_SEL0
AH20
I
OVDD
3
TEST_SEL1
AG26
I
OVDD
3
Thermal Management
THERM0
AG2
—
—
14
THERM1
AH3
—
—
14
Power Management
ASLEEP
AG18
9, 18
Power and Ground Signals
AVDD1
AH19
Power for e500
PLL (1.2 V)
AVDD1
AVDD2AH18
Power for CCB
PLL (1.2 V)
AVDD2
AVDD3
AH17
Power for CPM
PLL (1.2 V)
AVDD3
AVDD4AF28
Power for PCI1
PLL (1.2 V)
AVDD4
AVDD5
AE28
Power for PCI2
PLL (1.2 V)
AVDD5
Table 43. MPC8541E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com