Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541E Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8541E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
52
Freescale Semiconductor
PCI
13.2
PCI AC Electrical Specifications
This section describes the general AC timing parameters of the PCI bus of the MPC8541E. Note that the
SYSCLK signal is used as the PCI input clock. Table 42 provides the PCI AC timing specifications at 66
MHz.
NOTE
PCI Clock can be PCI1_CLK or SYSCLK based on POR config input.
NOTE
The input setup time does not meet the PCI specification.
Figure 15 provides the AC test load for PCI.
Figure 37. PCI AC Test Load
Table 42. PCI AC Timing Specifications at 66 MHz
Parameter
Symbol 1
Min
Max
Unit
Notes
Clock to output valid
tPCKHOV
—
6.0
ns
2, 3
Output hold from Clock
tPCKHOX
2.0
—
ns
2, 9
Clock to output high impedance
tPCKHOZ
—
14
ns
2, 3, 10
Input setup to Clock
tPCIVKH
3.3
—
ns
2, 4, 9
Input hold from Clock
tPCIXKH
0
—
ns
2, 4, 9
REQ64 to HRESET 9 setup time
tPCRVRH
10
× t
SYS
—
clocks
5, 6, 10
HRESET to REQ64 hold time
tPCRHRX
050
ns
6, 10
HRESET high to first FRAME assertion
tPCRHFV
10
—
clocks
7, 10
Notes:
1. Note that the symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tPCIVKH
symbolizes PCI timing (PC) with respect to the time the input signals (I) reach the valid state (V) relative to the SYSCLK
clock, tSYS, reference (K) going to the high (H) state or setup time. Also, tPCRHFV symbolizes PCI timing (PC) with respect to
the time hard reset (R) went high (H) relative to the frame signal (F) going to the valid (V) state.
2. See the timing measurement conditions in the PCI 2.2 Local Bus Specifications.
3. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
4. Input timings are measured at the pin.
5. The timing parameter tSYS indicates the minimum and maximum CLK cycle times for the various specified frequencies. The
system clock period must be kept within the minimum and maximum defined ranges. For values see Section 15, “Clocking.”
6. The setup and hold time is with respect to the rising edge of HRESET.
7. The timing parameter tPCRHFV is a minimum of 10 clocks rather than the minimum of 5 clocks in the PCI 2.2 Local Bus
Specifications.
8. The reset assertion timing requirement for HRESET is 100
μs.
9. Guaranteed by characterization.
10.Guaranteed by design.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com