Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541ECPXALD Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8541ECPXALD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541ECPXALD Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8541ECPXALD Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
46
Freescale Semiconductor
JTAG
11 JTAG
This section describes the AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the
MPC8541E.
Table 38 provides the JTAG AC timing specifications as defined in Figure 31 through Figure 34.
High period of SCL
tSCHCL
4-
μs
Start condition setup time
tSCHDL
2-
μs
Start condition hold time
tSDLCL
3-
μs
Data hold time
tSCLDX
2-
μs
Data setup time
tSDVCH
3-
μs
SDA/SCL rise time
tSRISE
-1
μs
SDA/SCL fall time (master)
tSFALL
-
303
ns
Stop condition setup time
tSCHDH
2-
μs
Table 37. CPM I2C Timing (fSCL=400KHz)
Characteristic
Expression
Frequency = 400KHz
Unit
Min
Max
SCL clock frequency (slave)
fSCL
400
KHz
SCL clock frequency (master)
fSCL
-400
KHz
Bus free time between transmissions
tSDHDL
1.2
-
μs
Low period of SCL
tSCLCH
1.2
-
μs
High period of SCL
tSCHCL
1-
μs
Start condition setup time
tSCHDL
420
-
ns
Start condition hold time
tSDLCL
630
-
ns
Data hold time
tSCLDX
420
-
ns
Data setup time
tSDVCH
630
-
ns
SDA/SCL rise time
tSRISE
-
250
ns
SDA/SCL fall time
tSFALL
-75
ns
Stop condition setup time
tSCHDH
420
-
ns
Table 38. JTAG AC Timing Specifications (Independent of SYSCLK) 1
At recommended operating conditions (see Table 2).
Parameter
Symbol 2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
0
33.3
MHz
JTAG external clock cycle time
t JTG
30
—
ns
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
—
ns
JTAG external clock rise and fall times
tJTGR & tJTGF
02
ns
TRST assert time
tTRST
25
—
ns
3
Table 36. CPM I2C Timing (fSCL=100KHz) (continued)
Characteristic
Expression
Frequency = 100KHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com