Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541ECPXALD Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8541ECPXALD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541ECPXALD Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8541ECPXALD Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
59
Package and Pin Listings
TSEC2_TX_EN
B11
O
LVDD
11
TSEC2_TX_ER
D11
O
LVDD
TSEC2_TX_CLK
D10
I
LVDD
TSEC2_GTX_CLK
C10
O
LVDD
TSEC2_CRS
D9
I
LVDD
TSEC2_COL
F8
I
LVDD
TSEC2_RXD[7:0]
F9, E9, C9, B9, A9, H9, G10, F10
I
LVDD
TSEC2_RX_DV
H8
I
LVDD
TSEC2_RX_ER
A8
I
LVDD
TSEC2_RX_CLK
E10
I
LVDD
DUART
UART_CTS[0,1]
Y2, Y3
I
OVDD
UART_RTS[0,1]
Y1, AD1
O
OVDD
UART_SIN[0,1]
P11, AD5
I
OVDD
UART_SOUT[0,1]
N6, AD2
O
OVDD
I2C interface
IIC_SDA
AH22
I/O
OVDD
4, 19
IIC_SCL
AH23
I/O
OVDD
4, 19
System Control
HRESET
AH16
I
OVDD
HRESET_REQ
AG20
O
OVDD
18
SRESET
AF20
I
OVDD
CKSTP_IN
M11
I
OVDD
CKSTP_OUT
G1
O
OVDD
2, 4
Debug
TRIG_IN
N12
I
OVDD
TRIG_OUT/READY
G2
O
OVDD
6, 9, 18
MSRCID[0:1]
J9, G3
O
OVDD
5, 6, 9
MSRCID[2:3]
F3, F5
O
OVDD
6
MSRCID4
F2
O
OVDD
6
MDVAL
F4
O
OVDD
6
Table 43. MPC8541E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com