Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541ECPXALD Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC8541ECPXALD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541ECPXALD Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC8541ECPXALD Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
55
Package and Pin Listings
3. Maximum solder ball diameter measured parallel to datum A.
4. Datum A, the seating plane, is defined by the spherical crowns of the solder balls.
5. Capacitors may not be present on all devices.
6. Caution must be taken not to short capacitors or exposed metal capacitor pads on package top.
7. The socket lid must always be oriented to A1.
14.3
Pinout Listings
Table 43 provides the pin-out listing for the MPC8541E, 783 FC-PBGA package.
Table 43. MPC8541E Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI1 and PCI2 (one 64-bit or two 32-bit)
PCI1_AD[63:32],
PCI2_AD[31:0]
AA14, AB14, AC14, AD14, AE14, AF14, AG14, AH14,
V15, W15, Y15, AA15, AB15, AC15, AD15, AG15,
AH15, V16, W16, AB16, AC16, AD16, AE16, AF16,
V17, W17, Y17, AA17, AB17, AE17, AF17, AF18
I/O
OVDD
17
PCI1_AD[31:0]
AH6, AD7, AE7, AH7, AB8, AC8, AF8, AG8, AD9,
AE9, AF9, AG9, AH9, W10, Y10, AA10, AE11, AF11,
AG11, AH11, V12, W12, Y12, AB12, AD12, AE12,
AG12, AH12, V13, Y13, AB13, AC13
I/O
OVDD
17
PCI_C_BE64[7:4]
PCI2_C_BE[3:0]
AG13, AH13, V14, W14
I/O
OVDD
17
PCI_C_BE64[3:0]
PCI1_C_BE[3:0]
AH8, AB10, AD11, AC12
I/O
OVDD
17
PCI1_PAR
AA11
I/O
OVDD
PCI1_PAR64/PCI2_PAR
Y14
I/O
OVDD
PCI1_FRAME
AC10
I/O
OVDD
2
PCI1_TRDY
AG10
I/O
OVDD
2
PCI1_IRDY
AD10
I/O
OVDD
2
PCI1_STOP
V11
I/O
OVDD
2
PCI1_DEVSEL
AH10
I/O
OVDD
2
PCI1_IDSEL
AA9
I
OVDD
PCI1_REQ64/PCI2_FRAME
AE13
I/O
OVDD
5, 10
PCI1_ACK64/PCI2_DEVSEL AD13
I/O
OVDD
2
PCI1_PERR
W11
I/O
OVDD
2
PCI1_SERR
Y11
I/O
OVDD
2, 4
PCI1_REQ[0]
AF5
I/O
OVDD
PCI1_REQ[1:4]
AF3, AE4, AG4, AE5
I
OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com