Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8541ECPXALD Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8541ECPXALD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541ECPXALD Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8541ECPXALD Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8541ECPXALD Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
12
Freescale Semiconductor
Power Characteristics
3. Typical power is based on a nominal voltage of VDD = 1.2V, a nominal process, a junction
temperature of Tj = 105° C, and a Dhrystone 2.1 benchmark application.
4. Thermal solutions will likely need to design to a value higher than Typical Power based on the end
application, TA target, and I/O power.
5. Maximum power is based on a nominal voltage of VDD = 1.2V, worst case process, a junction
temperature of Tj = 105° C, and an artificial smoke test.
6. The nominal recommended VDD = 1.3V for this speed grade.
Table 5. Typical I/O Power Dissipation
Interface
Parameters
GVDD
(2.5V)
OVDD
(3.3V)
LVDD
(3.3V)
LVDD
(2.5V)
Unit
Comments
DDR I/O
CCB = 200 MHz
0.46
W
—
CCB = 266 Mhz
0.59
W
—
CCB = 300 Mhz
0.66
W
—
CCB = 333 Mhz
0.73
W
—
PCI I/O
64b, 66Mhz
0.14
W
—
64b, 33Mhz
0.08
W
—
32b, 66Mhz
0.07
W
Multiply by 2 if using two 32b ports
32b, 33Mhz
0.04
W
Local Bus I/O
32b, 167Mhz
0.30
W
—
32b, 133Mhz
0.24
W
—
32b, 83Mhz
0.16
W
32b, 66Mhz
0.13
W
—
32b, 33Mhz
0.07
W
—
TSEC I/O
MII
0.01
W
Multiply by number of interfaces
used.
GMII or TBI
0.07
W
RGMII or RTBI
0.04
W
CPM - FCC
MII
0.015
W
—
RMII
0.013
W
—
HDLC 16 Mbps
0.009
W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com