Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
34844
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
NORMAL MODE
In normal operation, the 34844 is programed via I2C to drive up to 50 mA of current through each one of the LED channels. The 34844
can be configured in master or slave mode as set by the M/~S pin.
In Master mode, the internal PWM generator frequency is programmed through the I2C interface. The programmed value sets the
number of 27 kHz clocks (37
s) in one PWM cycle. The 18-bit resolution allows minimum PWM frequencies of 110 Hz to be programmed.
The resulting frequency is output on the CK pin.
In slave mode, the CK pin acts as an input. The internal digital PLL uses this frequency as the PWM frequency.
By setting one device as a master, and connecting the CK output to the input on a number of slave configured devices, all PWM
frequencies are synchronized together. For this application A0/SEN pin indicates which device is enabled for I2C control.
In Slave mode, an internal phase lock loop locks the internal PWM generator period to the period of the signal present at the CK pin.
The PLL can lock to any frequency from 110 Hz to 27 KHz, provided the jitter is below 1000 ppm. At frequencies above 1.0 KHz, the PLL
maintains the lock regardless of the transient power conditions imposed by the user (i.e. going from 0% duty cycle to 100% at 20 W LED
display power). Below 1.0 kHz, thermal time constants on the die are such that the PLL may momentarily lose lock if the die temperature
changes substantially during a large load power step. As explained further, this anomaly can be avoided by controlling the rate of change
in PWM duty cycle.
To better understand this issue, consider the on chip PLL uses a VCO which is subject to thermal drift on the order of 1000 ppm/C.
Furthermore, the thermal time constant of the chip is on the order of single digit milliseconds. Therefore, if a large power load step is
imposed by the user (i.e. going from 0% duty cycle to 100% duty cycle with a load power of 20 W), the die experiences a large temperature
wave gradient propagating across the chip surface, and thereby affects the instantaneous frequency of the VCO. As long as such changes
are within the bandwidth of the PLL, the PLL is able to track and maintain lock. Exceeding this rate of change may cause the PLL to lose
lock and the backlight is momentarily blanked until lock is reacquired.
At 110 Hz lock, the PLL has a bandwidth of approximately 10 Hz. This means that temperature changes on the order of 100 ms are
tolerable without losing lock. Full load power changes on the order of 10 ms (i.e. 110 Hz PWM) are not tracked out and the PLL can
momentarily lose lock. If this happens, as stated previously, the LED drivers are momentarily disabled until lock is reacquired. This is
manifested as a perceivable short flash on the backlight immediately after the load change.
To avoid this problem, one can simply limit large instantaneous changes in die temperature by invoking only small power steps when
raising or lowering the display power at low PWM frequencies. For example, to maintain lock while transitioning from 0% to 100% duty
cycle at 20 W load power and a PWM frequency of 110 Hz would entail stepping the power at a rate not to exceed 1% per 10 ms. If a load
of less than 20 W is used, the rate of rise can be increased. As the locked PWM frequency increases (i.e. use 600 Hz instead of 110 Hz),
the step rate can be further increased to approximately 4% per 2.0 ms. The exact step rate to avoid loss of PLL lock is a function of
essentially three things: (a) the composite thermal resistance of the user's PCB assembly, (b) the load power, and (c) the PWM frequency.
For all cases below 1.0 KHz, simply using a rate of 1% duty cycle change per PWM period is adequate. If this is too slow, the value can
be optimized experimentally once the hardware design is complete. At PWM rates above 1.0 KHz, it is not necessary to control the rate
of change in PWM duty cycle.
It is important to point out when operating in the master mode, one does not need to concern themselves with loss of lock since the
reference clock and the VCO clock are collocated on the die, and therefore experience the same thermal shift. Hence in master mode,
once lock is initially acquired, it is not lost and no blanking of the display occurs.
The duty cycle of the PWM in both master and slave mode is set using a second register on the I2C interface. An external PWM signal
can also be applied in the PWM pin. This pin is AND’ed with the internal signal, giving the ability to control the duty cycle either via I2C or
externally by setting any of the 2 signals to 100% duty cycle.
MANUAL MODE
The 34844 can also be used in Manual mode without using the I2C interface. By setting the pin M/~S High, the LED dimming is
controlled by the external PWM signal. The overvoltage protection limit can be settled by a resistor divider or a zener diode on A0/SEN pin.
During manual mode, all internal Registers are in Default Configuration. Refer to Table 7. Under this configuration, the PIN and NIN
pins are enabled to scale the current capability per string and may be disable by setting 2.2 V in the corresponding terminal.
In this mode, the device can also be enabled as follows:
• EN pin + PWM signal (Two Signals):
In this configuration, the PWM signal applied to PWM pin is in charge of controlling the LED dimming and a second signal enables or
disables the chip through the EN pin.
• PWM Signal tied to SDA pin (Just ONE signal):
In this configuration, the PWM pin should be tied to the SDA pin. The PWM signal applied to PWM pin is in charge of controlling LED
dimming and enabling the device every time the PWM is active. For this configuration the EN pin should be LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com