Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34844
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
EXTERNAL PWM INPUT (PWM)
This terminal is internally pulled down. An external PWM signal can be applied to modulate the LED channel directly in absence of an
I2C interface.
CLOCK I2C SIGNAL (SCK)
Clock line for I2C communication.
ADDRESS I2C SIGNAL (SDA)
Address line for I2C communication.
A0/SEN
Address select, device select pin, or hardware overvoltage protection (OVP) control.
CURRENT SET (ISET)
Each LED string can drive up to 50 mA. The maximum current can be set by using a resistor from this pin to GND.
POSITIVE CURRENT SCALING (PIN)
Positive current scaling factor for the external analog current control. Applying 0 V to this pin, scales the current to near 0%, and in the
same way, applying VSET (2.048 V Typ.), the scale factor is 100%. By applying a voltage higher than 2.2 V, the scaling factor is disabled,
and the internal pull-ups are activated.
If PIN pin and NIN pin are used at the same time then by applying 0 V to the PIN pin and VSET to NIN pin, scales the current to near
0%, and in the same way, applying VSET to the PIN pin and 0 V to NIN pin, scales the current to 100%. By applying a voltage higher than
2.2 V, the scaling factor is disabled and the internal pull-ups are activated in both pins.
NEGATIVE CURRENT SCALING (NIN)
Negative current scaling factor for the external analog current control. Setting 0 V to this pin scales the current to 100%, in the same
way, setting VSET (2.048 V Typ.) the scale factor is near 0%. By applying a voltage higher than 2.2 V, the scaling factor is disabled and
the internal pull-ups are activated.
If the PIN and NIN pin are used at the same time, then by applying 0 V to the PIN pin and VSET to NIN pin, it scales the current to near
0%, and in the same way, applying VSET to the PIN pin and 0 V to NIN pin, scales the current to 100%. By applying a voltage higher than
2.2 V, the scaling factor is disabled and the internal pull-ups are activated in both pins.
GROUND (GND)
Ground Reference for all internal circuits other than the Boost FET. The Exposed Pad (EP) should be used for thermal heat dissipation.
I0-I9
Current LED driver, each line has the capability of driving up to 50 mA.
FAULT DETECTION PIN (FAIL)
When a fault situation is detected, this pin goes into high-impedance.
BOOST SLOPE COMPENSATION SETTING RESISTOR (SLOPE)
The resistor to be used for the SLOPE depends on the Input and Output voltage difference as well as the inductor value. Use the formula
shown in the Components Calculation section to calculate the value accordingly.
POWER GROUND TERMINALS (PGNDA, PGNDB)
Ground terminal for the internal Boost FET.
OUTPUT VOLTAGE SENSE TERMINAL (VOUT)
Input terminal to monitor the output voltage. It supplies the input voltage for the internal regulator 2 (VDC2).
SWITCHING NODE TERMINALS (SWA, SWB)
Switching node of boost converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com