Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34844
ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Static and Dynamic Electrical Characteristics
Characteristics noted under conditions VIN = 12 V, VOUT = 42 V, PWM = VDC1, M/~S = VDC1, PIN & NIN = VDC1, -40C  TA  105C,
PGND = 0 V, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
SUPPLY
VIN
Supply Voltage
7.0
12
28
V
(8)
ISHUTDOWN
Supply Current when Shutdown Mode
Manual: PWM = Low, EN = Low, SCK & SDA=Low
SM Bus: EN bit = 0, SCK & SDA=Low, EN pin= Low
I2C: SETI2Cbit=1, CLRI2C=0, EN bit= 0, EN pin = Low
-
-
2.0
17
-
-
A
ISLEEP
Supply Current when Sleep Mode
SM-Bus: EN = low, SCK & SDA = Active, SETI2C bit = 0, EN bit = 0
I2C: EN = High, SETI2C bit = 1, CLRI2C bit = 0, EN bit = 0
-
4.0
-
mA
IOPERATIONAL
Supply Current when Operational Mode
Manual: EN = High, SCK & SDA =Low, PWM = Low,
SM-Bus: EN = Low, SCK & SDA = Active, EN bit = 1,
PWM = Low I2C: EN = High, SETI2C bit = 1, CLRI2C bit = 0,
EN bit = 1, PWM = Low
-
13.0
-
mA
UVLO
Undervoltage Lockout (VIN Rising)
5.4
6.0
6.4
V
UVLOHYST
Undervoltage Hysteresis (VIN Falling)
-
300
-
mV
VDC1
VDC1 Voltage
CVDC1 = 2.2 F
2.3
2.5
2.75
V
(6)
VDC2
VDC2 Voltage
CVDC2 = 2.2 F
5.5
6.0
6.5
V
(6)
VDC3
VDC3 Voltage
CVDC3 = 2.2 F
2.3
2.5
2.75
V
(6)
BOOST
VOUT1
VOUT2
Output Voltage Range
VIN = 7.0 V
VIN = 28 V
8.0
32
-
-
28
60
V
(7) (8)
IFET
Boost Switch Current Limit
2.3
2.5
2.7
A
tBOOST_TIME
Boost Switch Current Limit Timeout
-
10
-
ms
RDS(ON)
RDS(ON) of Internal FET (IDRAIN= 1.0 A)(
-
250
500
m
IBOOST_LEAK
Boost Switch Off-state Leakage Current
VSWA,SWB = 65 V
-
-
10
mA
VOUTLEAK
Feedback pin Off-state Leakage Current (VOUT = 65 V )
-
500
700
mA
EFFBOOST
Peak Boost Efficiency
-
90
-
%
(8)
IOUT/VIN
Line Regulation - VIN = 7.0 to 28 V
-0.2
-
0.2
%/V
(8)
IOUT/VLED
Load Regulation - VLED = 8.0 to 65 V (all Channels)
-0.2
-
0.2
%/V
(8)
Notes
6.
This output is for internal use only and not to be used for other purposes. A 1.0 k
resistor between the VDC3 and VDC1 pin is recommended for
<-20 °C operation.
7.
Minimum and Maximum output voltages are dependent on Min/Max duty cycle and current limit condition.
8.
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com