Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34844 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Document Number: MC34844
Rev. 10.0, 8/2014
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2009-2014. All rights reserved.
10 Channel LED Backlight Driver
with Integrated Power Supply
The 34844 is a SMARTMOS high efficiency, LED driver for use in
backlighting LCD displays from 10" to 20"+. Operating from supplies of 7.0 to
28 V, the MC34844 is capable of driving up to 160 LEDs in 10 parallel strings.
Current in the 10 strings is matched to within
2%, and can be programmed via
the I2C/SM Bus interface.
The 34844 also includes a Pulse Width Monitor (PWM) generator for LED
dimming. The LEDs can be dimmed to one of 256 levels, programmed through
the I2C/SM Bus interface. Up to 65,000:1 (256:1 PWM, 256:1 Current DAC)
dimming ratio.
The integrated boost converter generates the minimum output voltage
required to keep all LEDs illuminated with the selected current, providing the
highest efficiency possible.
The 34844 has an integrated boost self-clock at a default frequency of
600 kHz, but may be programmed via I2C to 150/300/600/1200 kHz. The PWM
frequency can be set from 100 Hz to 25 kHz, or can be synchronized to an
external input. If not synchronized to another source, the internal PWM rate
outputs on the CK pin. This enables multiple devices to be synchronized
together.
The 34844 has a default boost frequency of 320 kHz, but may be
programmed via I2C to 160/320/650/1300 kHz. The PWM frequency can be set
from 110 Hz to 27 kHz, or can be synchronized to an external input. If not
synchronized to another source, the internal PWM rate outputs on the CK pin.
This enables multiple devices to be synchronized together.
The 34844 also supports optical/temperature closed loop operation and
features LED overtemperature protection, LED short protection, and LED open
circuit protection. The IC includes overvoltage protection, overcurrent
protection, and undervoltage lockout.
Features
• Input voltage of 7.0 to 28 V
•2.5 A integrated boost FET
•Up to 80 mA on the 34844 LED current per channel
• 90% efficiency (DC:DC)
•I2C/SM Bus interface
• 10 channel current mirror with ±2.0% current matching
• Boost output voltage up to 60V, with Dynamic Headroom Control (DHC)
• PWM frequency programmable or synchronizable from 110 to 27,000 Hz
• 32-Ld 5x5x1.0 mm TQFN Package
LED DRIVER
34844
EP SUFFIX (PB-FREE)
98ASA10800D
32-PIN QFN-EP
Applications
• Monitors and HDTV - up to 42 inch
• Personal Computer Notebooks
• GPS Screens
• Small screen Televisions


Similar Part No. - 34844

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34844 FREESCALE-34844 Datasheet
1Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844 Datasheet
1Mb / 36P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844 Datasheet
2Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
More results

Similar Description - 34844

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
Integrated White LED Driver With Organic LED Display Power Supply
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_08 Datasheet
1Mb / 36P
10 Channel LED Backlight Driver with Integrated Power Supply
34844 FREESCALE-34844_09 Datasheet
2Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
34845 FREESCALE-34845 Datasheet
707Kb / 21P
Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
MC34844 FREESCALE-MC34844_10 Datasheet
2Mb / 62P
10 Channel LED Backlight Driver
MC34844AEP FREESCALE-MC34844AEP Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
MC34844AEPR2 FREESCALE-MC34844AEPR2 Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
MC34844EP FREESCALE-MC34844EP Datasheet
2Mb / 62P
10 Channel LED Backlight Driver with Integrated Power Supply
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com