Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS20 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATS20
Description  LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS20 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATS20 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
- 3 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03201-004
aTS20
Figure 1. aTS20 Output Voltage vs. Temperature
25
50
75
100
125
-20
0
1500
100
V
OUT (mV)
Temperature (ºC)
Temp (ºC) = (V
OUT –1863.9mV) / -11.77mV/ºC
2000
500
1000
2333.7
-40
1863.9
0
1569.7
25
686.9
100
392.7
125
V
OUT
(mV)
Temp
(
ºC)
-40
25
50
75
100
125
-20
0
1500
100
V
OUT (mV)
Temperature (ºC)
Temp (ºC) = (V
OUT –1863.9mV) / -11.77mV/ºC
2000
500
1000
2333.7
-40
1863.9
0
1569.7
25
686.9
100
392.7
125
V
OUT
(mV)
Temp
(
ºC)
-40
Mounting
The aTS20 can be easily mounted by gluing or
cementing it to a surface. In this case, its temperature
will be within about 0.01°C of the temperature of the
surface it is attached to if the ambient air temperature is
almost the same as the surface temperature. If the air
temperature is much higher or lower than the surface
temperature, the actual temperature of the aTS20 die will
be at an intermediate temperature between the surface
temperature and the air temperature.
To ensure good thermal conductivity, the backside of the
aTS20 die is directly attached to the GND pin. The lands
and traces to the aTS20 will, of course, be part of the
printed circuit board, which is the object whose
temperature is being measured. These printed circuit
board lands and traces will not cause the aTS20’s
temperature to deviate from the desired temperature.
Alternatively, the aTS20 can be mounted inside a sealed-
end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC,
the aTS20 and accompanying wiring and circuits must be
kept insulated and dry to avoid leakage and corrosion.
This is especially true if the circuit may operate at cold
temperatures where condensation can occur. Printed-
circuit coatings and varnishes such as Humiseal and
epoxy paint or dips can be used to ensure that moisture
cannot corrode the aTS20 or its connections.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com