Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS20 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATS20
Description  LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS20 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATS20 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
- 5 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03201-004
aTS20
Typical Applications
IN
10K
Ω
100K
Ω
1
μF
FB
1.75V
REF
3.9K
Ω
SERIAL
DATA OUT
CLOCK
ENABLE
aTS20
3V
VTemp
Serial
Analog-to-Digital
Converter
Adjustable
Shunt Voltage
Reference
+
Note: The full scale of the A-to-D Converter will typically be limited to +125˚C simply by the number of bits available in the conversion.
The aTS20 would still be capable of its full output swing.
Figure 4. Serial Output Temperature to Digital Converter
3V
WR
5K
Ω
30K
Ω
IN
VREF
1.75V
15K
Ω
1
μF
+
_
PARALLEL
DATA
OUTPUT
INTR
CS
RD
8
VTemp
Parallel Output
Analog-to-Digital
Converter
aTS20
Figure 5. Parallel Output Temperature to Digital Converter (Full Scale = +125˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com