Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATS20
Description  LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATS20 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
New Release Specification
© Andigilog, Inc. 2003
www.andigilog.com
70A03201-004
LOW-VOLTAGE ULTRA-LOW-POWER
TEMPERATURE SENSOR
aTS20
PRODUCT SPECIFICATION
General Description
The aTS20 is a precision CMOS temperature sensor
that provides a cost-effective solution for space-
constrained applications. The output voltage ramp of
the aTS20 has a negative slope of -11.77mV/°C. With
a supply voltage of 2.4V to 6V, the aTS20 is accurate
to
± 2°C at 25°C, and to ± 3°C over the range of −40°C
to 125°C. Reducing the supply voltage to 2.4V does
not change the negative and positive temperature
extremes.
As well, the aTS20 does not require
external calibration.
Calibration of each device is
performed at the factory.
Features
•
Extremely Low Power
•
Precision Calibrated to ±2°C at 25°C
•
Ultra Low Operating Current :
≤ 12μA
•
Temperature Range: -40°C to 125°C
•
Linear Output Ramp: -11.77mV/°C
•
Output Ramp is Calibrated to Degrees Celsius
•
Low Self Heating: 0.01°C typical in still air
•
Uses a Single Positive Supply
•
Operating Voltage Range: +2.4V to +6V
•
Non-linearity:
≤ 0.8°C
Applications
•
Cellular Telephones
•
Computers
•
Battery Management
•
FAX Machines/Printers/Copiers
•
Portable Medical Instruments
•
HVAC
•
Power Supply Modules
•
Disk Drives
•
Appliances
Pin Configuration
5
3
4
1
2
SC70 5 -lead
aTS20
V
DD
GND
NC
GND
V
OUT
5
3
4
1
2
SC70 5 -lead
V
DD
GND
NC
GND
V
OUT
5
3
4
1
2
SC70 5 -lead
aTS20
V
DD
GND
NC
GND
V
OUT
5
3
4
1
2
SC70 5 -lead
V
DD
GND
NC
GND
V
OUT
actual part marking below
Accuracy vs Temperature
-3
-2
-1
0
1
2
3
upper spec limit
0
80
100
lower spec limit
-
-
-
25
120
125
60
40
20
-20
-40
-3
-2
-1
0
1
2
3
upper spec limit
0
80
100
lower spec limit
-
-
-
25
120
125
60
40
20
-20
-40
Ordering Information
Part Number
Package
Temperature Range
Part Marking
How Supplied
aTS20F5
5-Pin SC-70
-40˚C to +125˚C
Ayw
3000 units on T&R
y – year, w - week


Similar Part No. - ATS20

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS200 CTS-ATS200 Datasheet
212Kb / 5P
Leaded or Surface Mount Quartz Crystal
ATS200 CTS-ATS200 Datasheet
182Kb / 6P
ATS/ATS-SM Series Quartz Crystal
ATS200 CTS-ATS200 Datasheet
182Kb / 6P
ATS ATS-SM Series
ATS200 CTS-ATS200 Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS200 CTS-ATS200 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
More results

Similar Description - ATS20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
Ultra-Low-Power Analog Temperature Sensor
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
265Kb / 18P
Low-Power Voltage Output Temperature Sensor
2005
logo
List of Unclassifed Man...
ASM121 ETC2-ASM121 Datasheet
282Kb / 8P
SIMISTOR??TEMPERATURE SENSOR ULTRA-LOW-POWER SILICON THERMISTOR
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
Agilent(Hewlett-Packard...
ADNS-3040 HP-ADNS-3040 Datasheet
339Kb / 26P
Ultra Low-Power Mouse Sensor
logo
Semtech Corporation
XE8806A SEMTECH-XE8806A Datasheet
894Kb / 143P
Ultra Low-Power Low-Voltage
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
Low-Power Digital Temperature Sensor
TMP103 TI1-TMP103 Datasheet
992Kb / 30P
Low-Power, Digital Temperature Sensor
logo
STMicroelectronics
STTS22H STMICROELECTRONICS-STTS22H Datasheet
1Mb / 29P
Low-voltage, ultra-low-power, 0.5 °C accuracy I²C/SMBus 3.0 temperature sensor
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com