Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS20 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATS20
Description  LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS20 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATS20 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
- 4 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03201-004
aTS20
Performance Characteristics
-3
-2
-1
0
1
2
3
upper spec limit
0
80
100
lower spec limit
-
-
-
25
120
125
60
Figure 2. aTS20 Accuracy Range vs Temperature
6
7
8
9
10
11
12
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD =+3V
0
1
2
3
4
5
6
7
8
9
10
11
12
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD =+3V
0
1
2
3
4
5
Figure 3. aTS Current vs Temperature
40
20
-20
-40
-3
-2
-1
0
1
2
3
upper spec limit
0
80
100
lower spec limit
-
-
-
25
120
125
60
20
-20
-40
40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com