Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS45C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATS45C
Description  LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS45C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATS45C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS45C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
- 3 -
© Andigilog, Inc. 2006
www.andigilog.com
April 2006 - 70A03207
aTS45C
Figure 1. aTS45C Output Voltage vs Temperature
Mounting
The aTS45C can be easily mounted by gluing or
cementing it to a surface. In this case, its temperature
will be within about 0.04°C of the temperature of the
surface it is attached to if the ambient air temperature
is almost the same as the surface temperature. If the
air temperature is much higher or lower than the
surface temperature, the actual temperature of the
aTS45C die will be at an intermediate temperature
between the surface temperature and the air
temperature.
To ensure good thermal conductivity, the backside of
the aTS45C die is directly attached to the GND pin.
The lands and traces to the aTS45C will, of course, be
part of the printed circuit board, which is the object
whose
temperature is being measured. These printed circuit
board lands and traces will not cause the aTS45C’s
temperature to deviate from the desired temperature.
Alternatively, the aTS45C can be mounted inside a
sealed-end metal tube, and can then be dipped into a
bath or screwed into a threaded hole in a tank. As
with any IC, the aTS45C and accompanying wiring
and circuits must be kept insulated and dry to avoid
leakage and corrosion. This is especially true if the
circuit may operate at cold temperatures where
condensation can occur. Printed-circuit coatings and
varnishes such as Humiseal and epoxy paint or dips
can be used to ensure that moisture cannot corrode
the aTS45C or its connections.
V
OUT
+V
DD
(2.7V to 5.5V)
aTS45C
Basic Range Temperature Sensor
+10.0 ºC to +100 ºC
V
OUT = +1000 mV at +100 ºC
V
OUT = +250mV at +25 ºC
V
OUT = +100mV at +10.0 ºC
V
OUT
aTS45C
+V
DD
(2.7V to 5.5V)
Full Range Temperature Sensor
-20 ºC to +100 ºC
V
OUT = +1000 mV at +100 ºC
V
OUT = +250mV at +25 ºC
V
OUT = -200mV at -20 ºC
R
EXTERNAL = V- / 10uA
Negative Supply (V-)
25
50
75
100
-20
0
250
750
500
V
OUT
(mV)
Temperature (ºC)
1000
Temp (ºC) = (VOUT) / 10mV/ºC
Output Voltage vs Temperature
25
50
75
100
10
250
750
500
V
OUT
(mV)
Temperature (ºC)
1000
Single Supply
With Negative Bias
0
-200
100
V
OUT
+V
DD
(2.7V to 5.5V)
aTS45C
Basic Range Temperature Sensor
+10.0 ºC to +100 ºC
V
OUT = +1000 mV at +100 ºC
V
OUT = +250mV at +25 ºC
V
OUT = +100mV at +10.0 ºC
V
OUT
aTS45C
+V
DD
(2.7V to 5.5V)
Full Range Temperature Sensor
-20 ºC to +100 ºC
V
OUT = +1000 mV at +100 ºC
V
OUT = +250mV at +25 ºC
V
OUT = -200mV at -20 ºC
R
EXTERNAL = V- / 10uA
Negative Supply (V-)
25
50
75
100
-20
0
250
750
500
V
OUT
(mV)
Temperature (ºC)
1000
Temp (ºC) = (VOUT) / 10mV/ºC
Output Voltage vs Temperature
25
50
75
100
10
250
750
500
V
OUT
(mV)
Temperature (ºC)
1000
Single Supply
With Negative Bias
0
-200
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com